Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA8917 Datasheet(PDF) 9 Page - RAIO Technology Inc.

Part # RA8917
Description  8-Bit Micro-Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA8917 Datasheet(HTML) 9 Page - RAIO Technology Inc.

Back Button RA8917 Datasheet HTML 3Page - RAIO Technology Inc. RA8917 Datasheet HTML 4Page - RAIO Technology Inc. RA8917 Datasheet HTML 5Page - RAIO Technology Inc. RA8917 Datasheet HTML 6Page - RAIO Technology Inc. RA8917 Datasheet HTML 7Page - RAIO Technology Inc. RA8917 Datasheet HTML 8Page - RAIO Technology Inc. RA8917 Datasheet HTML 9Page - RAIO Technology Inc. RA8917 Datasheet HTML 10Page - RAIO Technology Inc. RA8917 Datasheet HTML 11Page - RAIO Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Version 1.0
8-Bit Micro-Controller
RAiO TECHNOLOGY INC.
www.raio.com.tw
9/11
RA8917
RXD
IN
Receive Data
This is the received data input of system UART. Normally it’s connected to the
RS232’s TX of PC.
TXD
OUT
Transmit Data
This signal is the transmitted data output of system UART. Normally it’s
connected to the RS232’s RX of PC.
OSC1_XA
IN
Oscillator1 Input.
This is the input signal of external X’tal(32768Hz).
OSC1_XB
OUT
Oscillator1 Output.
This is the output signal of external X’tal(32768Hz).
OSC2_XA
IN
Oscillator2 Input.
This is the input signal of external X’tal. (maximum up to 22.1184MHz)
OSC2_XB
OUT
Oscillator2 Output.
This is the output signal of external X’tal. (maximum up to 22.1184MHz)
CKS[2:0]
IN
OSC2 Frequency Select
These input signals are used to select the OSC2 speed during the hardware
reset.
CKS2
CKS1
CKS0
OSC2 Clock
0
0
0
1.8432MHz
0
0
1
3.6864MHZ
0
1
0
5.5296MHz
0
1
1
7.3728MHz
1
0
0
11.0592MHz
1
0
1
14.7456MHz
1
1
0
18.432MHz
1
1
1
22.1184MHz
Note: Couldn’t be floating.
TYPE
IN
Clock Type Select for 32768Hz
0: RC Oscillator
1: 32768 X’tal
Note: Couldn’t be floating.
VEXT
IN
Low Voltage Detector Input
TEST[2:0]#
IN
Test Pins
Test Pins are for RAiO’s internal testing purpose used in testing IC and ROM
status.
Normally, users will not use these pins.
Therefore, please connect
these three pins to VDD when making PCB board.
VDD
PWR
Power Supply Voltage of Chip Core.
VDDP
PWR
Power Supply Voltage of Chip I/O.
AVDD
PWR
Analog Power Supply Voltage.
GND
PWR
Ground of Chip Core.
GNDP
PWR
Ground of Chip I/O.
AGND
PWR
Analog Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com