Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE16-VMP6TP Datasheet(PDF) 44 Page - Numonyx B.V

Part # M45PE16-VMP6TP
Description  16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE16-VMP6TP Datasheet(HTML) 44 Page - Numonyx B.V

Back Button M45PE16-VMP6TP Datasheet HTML 37Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 38Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 39Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 40Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 41Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 42Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 43Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 44Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 45Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
Revision history
M45PE16
44/45
13
Revision history
Table 18.
Document revision history
Date
Version
Changes
30-Apr-2003
1.0
Document written
04-Jun-2003
1.1
Description corrected of entering Hardware Protected mode (W must be
driven, and cannot be left unconnected).
26-Nov-2003
2.0
VIO(min) extended to –0.6V, and tPW(typ), tPP(typ) improved. tWHSL and
tSHWL added. MLP8 and SO16 pages added, and LGA package
removed. Table of contents, and Pb-free options added
31-Mar-2004
2.1
Document promoted to Product Preview
23-Jul-2004
2.2
SO Connections illustration corrected. Wording clarified for Device Grade
in Ordering Information table
4-Aug-2005
3.0
An easy way to modify data, A fast way to modify data, Page Write (PW)
and Page Program (PP) sections updated to explain optimal use of Page
Write and Page Program instructions. Table 12: AC characteristics
updated.
15-Jun-2006
4
Document put in new Numonyx template.
tSHQZ end timing line modified in Figure 22: Output timing.
Packages are ECOPACK® compliant. VDFPN and SO16W packages
removed. SO8W and VFQFPN8 packages added (see Section 11:
Package mechanical). Blank option removed below Plating Technology in
Table 17: Ordering information scheme.
Document status promoted to Preliminary data.
16-Oct-2006
5
50 MHz frequency added, 25 MHz frequency removed.
Figure 3: Bus master and memory devices on the SPI bus modified,
Note 1 modified, Note 2 added. Small text changes.
ICC3 updated in Table 11: DC characteristics.
Table 12: AC characteristics updated.
VIO max modified in Table 7: Absolute maximum ratings.
fR, tPW, tPP, updated in Table 12: AC characteristics.
09-Feb-2007
6
Section 2.5: Reset (Reset) modified and the signal can no longer be
driven Low to protect the array at a critical time. Section 2.7: VCC supply
voltage and Section 2.8: VSS ground added.
Figure 3: Bus master and memory devices on the SPI bus modified and
explanatory paragraph added.
At power-up The Write In Progress (WIP) bit is reset.
Note modified below Table 10: Capacitance.
Table 13: Reset conditions and Table 14: Timings after a Reset Low pulse
added. Small text changes.
Packages specifications updated (see Section 11: Package mechanical).
10-Dec-2007
7
Applied Numonyx branding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com