Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE16-VMP6TP Datasheet(PDF) 29 Page - Numonyx B.V

Part # M45PE16-VMP6TP
Description  16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE16-VMP6TP Datasheet(HTML) 29 Page - Numonyx B.V

Back Button M45PE16-VMP6TP Datasheet HTML 25Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 26Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 27Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 28Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 29Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 30Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 31Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 32Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 33Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
M45PE16
Instructions
29/45
6.10
Sector Erase (SE)
The Sector Erase (SE) instruction sets to 1 (FFh) all bits inside the chosen sector. Before it
can be accepted, a Write Enable (WREN) instruction must previously have been executed.
After the Write Enable (WREN) instruction has been decoded, the device sets the Write
Enable Latch (WEL).
The Sector Erase (SE) instruction is entered by driving Chip Select (S) Low, followed by the
instruction code, and three address bytes on Serial Data Input (D). Any address inside the
Sector (see Table 3) is a valid address for the Sector Erase (SE) instruction. Chip Select (S)
must be driven Low for the entire duration of the sequence.
The instruction sequence is shown in Figure 15.
Chip Select (S) must be driven High after the eighth bit of the last address byte has been
latched in, otherwise the Sector Erase (SE) instruction is not executed. As soon as Chip
Select (S) is driven High, the self-timed Sector Erase cycle (whose duration is tSE) is
initiated. While the Sector Erase cycle is in progress, the Status Register may be read to
check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1
during the self-timed Sector Erase cycle, and is 0 when it is completed. At some unspecified
time before the cycle is complete, the Write Enable Latch (WEL) bit is reset.
A Sector Erase (SE) instruction applied to a sector that contains a page that is Hardware
Protected is not executed.
Any Sector Erase (SE) instruction, while an Erase, Program or Write cycle is in progress, is
rejected without having any effects on the cycle that is in progress.
Figure 15.
Sector Erase (SE) instruction sequence
1.
Address bits A23 to A21 are Don’t Care.
24 Bit Address
C
D
AI03751D
S
2
1
3456789
29 30 31
Instruction
0
23 22
2
0
1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com