Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE16-VMP6TP Datasheet(PDF) 25 Page - Numonyx B.V

Part # M45PE16-VMP6TP
Description  16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE16-VMP6TP Datasheet(HTML) 25 Page - Numonyx B.V

Back Button M45PE16-VMP6TP Datasheet HTML 21Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 22Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 23Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 24Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 25Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 26Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 27Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 28Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 29Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
M45PE16
Instructions
25/45
Figure 12.
Page Write (PW) instruction sequence
1.
Address bits A23 to A21 are Don’t Care
2.
1
≤n ≤256
C
D
AI04045
S
42
41
43 44 45 46 47 48 49 50
52 53 54 55
40
C
D
S
23
2
1
3456789 10
28 29 30 31 32 33 34 35
22 21
3210
36 37 38
Instruction
24-Bit Address
0
765432
0
1
Data Byte 1
39
51
765432
0
1
Data Byte 2
765432
0
1
Data Byte 3
Data Byte n
765432
0
1
MSB
MSB
MSB
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com