Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE16-VMP6TP Datasheet(PDF) 16 Page - Numonyx B.V

Part # M45PE16-VMP6TP
Description  16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE16-VMP6TP Datasheet(HTML) 16 Page - Numonyx B.V

Back Button M45PE16-VMP6TP Datasheet HTML 12Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 13Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 14Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 15Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 16Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 17Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 18Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 19Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 20Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
Memory organization
M45PE16
16/45
Figure 5.
Block diagram
7
070000h
07FFFFh
6
060000h
06FFFFh
5
050000h
05FFFFh
4
040000h
04FFFFh
3
030000h
03FFFFh
2
020000h
02FFFFh
1
010000h
01FFFFh
0
000000h
00FFFFh
Table 2.
Memory organization (continued)
Sector
Address Range
AI06886
S
W
Control Logic
High Voltage
Generator
I/O Shift Register
Address Register
and Counter
256 Byte
Data Buffer
256 Bytes (Page Size)
X Decoder
C
D
Q
Status
Register
000000h
1FFFFFh
0000FFh
Reset
010000h
First 256 Pages can
be made read-only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com