Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE16-VMP6TP Datasheet(PDF) 15 Page - Numonyx B.V

Part # M45PE16-VMP6TP
Description  16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE16-VMP6TP Datasheet(HTML) 15 Page - Numonyx B.V

Back Button M45PE16-VMP6TP Datasheet HTML 11Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 12Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 13Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 14Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 15Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 16Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 17Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 18Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 19Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
M45PE16
Memory organization
15/45
5
Memory organization
The memory is organized as:
●
8192 pages (256 bytes each).
●
2,097,152 bytes (8 bits each)
●
32 sectors (512 Kbits, 65536 bytes each)
Each page can be individually:
●
programmed (bits are programmed from 1 to 0)
●
erased (bits are erased from 0 to 1)
●
written (bits are changed to either 0 or 1)
The device is Page or Sector Erasable (bits are erased from 0 to 1).
Table 2.
Memory organization
Sector
Address Range
31
1F0000h
1FFFFFh
30
1E0000h
1EFFFFh
29
1D0000h
1DFFFFh
28
1C0000h
1CFFFFh
27
1B0000h
1BFFFFh
26
1A0000h
1AFFFFh
25
190000h
19FFFFh
24
180000h
18FFFFh
23
170000h
17FFFFh
22
160000h
16FFFFh
21
150000h
15FFFFh
20
140000h
14FFFFh
19
130000h
13FFFFh
18
120000h
12FFFFh
17
110000h
11FFFFh
16
100000h
10FFFFh
15
0F0000h
0FFFFFh
14
0E0000h
0EFFFFh
13
0D0000h
0DFFFFh
12
0C0000h
0CFFFFh
11
0B0000h
0BFFFFh
10
0A0000h
0AFFFFh
9
090000h
09FFFFh
8
080000h
08FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com