Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE16-VMP6TP Datasheet(PDF) 28 Page - Numonyx B.V

Part # M45PE16-VMP6TP
Description  16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE16-VMP6TP Datasheet(HTML) 28 Page - Numonyx B.V

Back Button M45PE16-VMP6TP Datasheet HTML 24Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 25Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 26Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 27Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 28Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 29Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 30Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 31Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 32Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
Instructions
M45PE16
28/45
6.9
Page Erase (PE)
The Page Erase (PE) instruction sets to 1 (FFh) all bits inside the chosen page. Before it can
be accepted, a Write Enable (WREN) instruction must previously have been executed. After
the Write Enable (WREN) instruction has been decoded, the device sets the Write Enable
Latch (WEL).
The Page Erase (PE) instruction is entered by driving Chip Select (S) Low, followed by the
instruction code, and three address bytes on Serial Data Input (D). Any address inside the
Page is a valid address for the Page Erase (PE) instruction. Chip Select (S) must be driven
Low for the entire duration of the sequence.
The instruction sequence is shown in Figure 14.
Chip Select (S) must be driven High after the eighth bit of the last address byte has been
latched in, otherwise the Page Erase (PE) instruction is not executed. As soon as Chip
Select (S) is driven High, the self-timed Page Erase cycle (whose duration is tPE) is initiated.
While the Page Erase cycle is in progress, the Status Register may be read to check the
value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-
timed Page Erase cycle, and is 0 when it is completed. At some unspecified time before the
cycle is complete, the Write Enable Latch (WEL) bit is reset.
A Page Erase (PE) instruction applied to a page that is Hardware Protected is not executed.
Any Page Erase (PE) instruction, while an Erase, Program or Write cycle is in progress, is
rejected without having any effects on the cycle that is in progress.
Figure 14.
Page Erase (PE) instruction sequence
1.
Address bits A23 to A21 are Don’t Care.
24 Bit Address
C
D
AI04046
S
2
1
3456789
29 30 31
Instruction
0
23 22
2
0
1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com