Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE16-VMP6TP Datasheet(PDF) 6 Page - Numonyx B.V

Part # M45PE16-VMP6TP
Description  16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE16-VMP6TP Datasheet(HTML) 6 Page - Numonyx B.V

Back Button M45PE16-VMP6TP Datasheet HTML 2Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 3Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 4Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 5Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 6Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 7Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 8Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 9Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 10Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
Description
M45PE16
6/45
1
Description
The M45PE16 is a 16Mbit (2M x 8 bit) Serial Paged Flash Memory accessed by a high
speed SPI-compatible bus.
The memory can be written or programmed 1 to 256 bytes at a time, using the Page Write or
Page Program instruction. The Page Write instruction consists of an integrated Page Erase
cycle followed by a Page Program cycle.
The memory is organized as 32 sectors, each containing 256 pages. Each page is 256
bytes wide. Thus, the whole memory can be viewed as consisting of 8192 pages, or
2,097,152 Bytes.
The memory can be erased a page at a time, using the Page Erase instruction, or a sector
at a time, using the Sector Erase instruction.
In order to meet environmental requirements, Numonyx offers the M45PE16 in ECOPACK®
packages. ECOPACK® packages are Lead-free and RoHS compliant.
Figure 1.
Logic diagram
Table 1.
Signal names
Signal name
Function
Direction
C
Serial Clock
Input
D
Serial Data Input
Input
Q
Serial Data Output
Output
S
Chip Select
Input
W
Write Protect
Input
Reset
Reset
Input
VCC
Supply Voltage
VSS
Ground
Reset
AI06884
S
VCC
M45PE16
VSS
W
Q
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com