Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE40-VMP6TP Datasheet(PDF) 41 Page - Numonyx B.V

Part # M45PE40-VMP6TP
Description  4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE40-VMP6TP Datasheet(HTML) 41 Page - Numonyx B.V

Back Button M45PE40-VMP6TP Datasheet HTML 37Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 38Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 39Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 40Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 41Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 42Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 43Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 44Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 45Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
M45PE40
Package mechanical
41/46
11
Package mechanical
Figure 24.
VFQFPN8 (MLP8) 8-lead Very thin Dual Flat Package No lead, 6 × 5 mm,
package outline
1.
Drawing is not to scale.
Table 16.
VFQFPN8 (MLP8) 8-lead Very thin Dual Flat Package No lead, 6 × 5 mm,
package mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
0.85
0.80
1.00
0.0335
0.0315
0.0394
A1
0.00
0.05
0.0000
0.0020
A2
0.65
0.0256
A3
0.20
0.0079
b
0.40
0.35
0.48
0.0157
0.0138
0.0189
D
6.00
0.2362
D1
5.75
0.2264
D2
3.40
3.20
3.60
0.1339
0.1260
0.1417
E
5.00
0.1969
E1
4.75
0.1870
E2
4.00
3.80
4.30
0.1575
0.1496
0.1693
e1.27–
–
0.0500
–
–
R1
0.10
0.00
0.0039
0.0000
L
0.60
0.50
0.75
0.0236
0.0197
0.0295
Θ
12°
12°
aaa
0.15
0.0059
bbb
0.10
0.0039
ddd
0.05
0.0020
D
E
70-ME
A2
A
A3
A1
E1
D1
e
E2
D2
L
b
θ
R1
ddd
C
aaa
CA
A
B
0.10 CA
0.10 CB
2x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com