Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE40-VMP6TP Datasheet(PDF) 31 Page - Numonyx B.V

Part # M45PE40-VMP6TP
Description  4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE40-VMP6TP Datasheet(HTML) 31 Page - Numonyx B.V

Back Button M45PE40-VMP6TP Datasheet HTML 27Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 28Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 29Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 30Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 31Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 32Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 33Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 34Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 35Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
M45PE40
Power-up and power-down
31/46
7
Power-up and power-down
At Power-up and Power-down, the device must not be selected (that is Chip Select (S) must
follow the voltage applied on VCC) until VCC reaches the correct value:
●
VCC(min) at Power-up, and then for a further delay of tVSL
●
VSS at Power-down
A safe configuration is provided in Section 3: SPI modes.
To avoid data corruption and inadvertent write operations during power up, a Power On
Reset (POR) circuit is included. The logic inside the device is held reset while VCC is less
than the Power On Reset (POR) threshold voltage, VWI – all operations are disabled, and
the device does not respond to any instruction.
Moreover, the device ignores all Write Enable (WREN), Page Write (PW), Page Program
(PP), Page Erase (PE) and Sector Erase (SE) instructions until a time delay of tPUW has
elapsed after the moment that VCC rises above the VWI threshold. However, the correct
operation of the device is not guaranteed if, by this time, VCC is still below VCC(min). No
Write, Program or Erase instructions should be sent until the later of:
●
tPUW after VCC passed the VWI threshold
●
tVSL after VCC passed the VCC(min) level
These values are specified in Table 6.
If the delay, tVSL, has elapsed, after VCC has risen above VCC(min), the device can be
selected for READ instructions even if the tPUW delay is not yet fully elapsed.
As an extra protection, the Reset (Reset) signal can be driven Low for the whole duration of
the Power-up and Power-down phases.
At Power-up, the device is in the following state:
●
The device is in the Standby Power mode (not the Deep Power-down mode).
●
The Write Enable Latch (WEL) bit is reset.
●
The Write In Progress (WIP) bit is reset.
Normal precautions must be taken for supply rail decoupling, to stabilize the VCC supply.
Each device in a system should have the VCC rail decoupled by a suitable capacitor close to
the package pins. (Generally, this capacitor is of the order of 100 nF).
At Power-down, when VCC drops from the operating voltage, to below the Power On Reset
(POR) threshold voltage, VWI, all operations are disabled and the device does not respond
to any instruction. (The designer needs to be aware that if a Power-down occurs while a
Write, Program or Erase cycle is in progress, some data corruption can result.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com