Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE40-VMP6TP Datasheet(PDF) 6 Page - Numonyx B.V

Part # M45PE40-VMP6TP
Description  4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE40-VMP6TP Datasheet(HTML) 6 Page - Numonyx B.V

Back Button M45PE40-VMP6TP Datasheet HTML 2Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 3Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 4Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 5Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 6Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 7Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 8Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 9Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 10Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Description
M45PE40
6/46
1
Description
The M45PE40 is a 4 Mbit (512 K x 8 bit) Serial Paged Flash Memory accessed by a high
speed SPI-compatible bus.
The memory can be written or programmed 1 to 256 bytes at a time, using the Page Write or
Page Program instruction. The Page Write instruction consists of an integrated Page Erase
cycle followed by a Page Program cycle.
The memory is organized as 8 sectors, each containing 256 pages. Each page is 256 bytes
wide. Thus, the whole memory can be viewed as consisting of 2048 pages, or 524288 bytes.
The memory can be erased a page at a time, using the Page Erase instruction, or a sector
at a time, using the Sector Erase instruction.
In order to meet environmental requirements, Numonyx offers the M45PE40 in ECOPACK®
packages. ECOPACK® packages are Lead-free and RoHS compliant.
Figure 1.
Logic diagram
Table 1.
Signal names
Signal name
Function
Direction
C
Serial Clock
Input
D
Serial Data Input
Input
Q
Serial Data Output
Output
S
Chip Select
Input
W
Write Protect
Input
Reset
Reset
Input
VCC
Supply voltage
VSS
Ground
Reset
AI04040C
S
VCC
M45PE40
VSS
W
Q
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com