Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE40-VMP6TP Datasheet(PDF) 44 Page - Numonyx B.V

Part # M45PE40-VMP6TP
Description  4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE40-VMP6TP Datasheet(HTML) 44 Page - Numonyx B.V

Back Button M45PE40-VMP6TP Datasheet HTML 38Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 39Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 40Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 41Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 42Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 43Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 44Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 45Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 46Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
Part numbering
M45PE40
44/46
12
Part numbering
For a list of available options (speed, package, etc.), for further information on any aspect of
this device, or when ordering parts operating at 50 MHz (0.11 µm technology, process digit
“4”), please contact your nearest Numonyx Sales Office.
The category of second Level Interconnect is marked on the package and on the inner box
label, in compliance with JEDEC Standard JESD97. The maximum ratings related to
soldering conditions are also marked on the inner box label.
Table 19.
Ordering information scheme
Example:
M45PE40 –
V MP 6
T
G
Device type
M45PE = Page-Erasable Serial Flash memory
Device function
40 = 4 Mbit (512 Kb × 8)
Operating voltage
V = VCC = 2.7 V to 3.6 V
Package
MW = SO8W (208 mils width)
MN = SO8N (150 mils width)(1)
1.
Package available only in T9HX technology.
MP = VFQFPN8 6 × 5 mm (MLP8)
Device grade
6 = Industrial temperature range, –40 to 85 °C.
Device tested with standard test flow
Option
blank = Standard Packing
T = Tape and Reel Packing
Plating technology
P or G = ECOPACK® (RoHS compliant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com