Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE40-VMP6TP Datasheet(PDF) 17 Page - Numonyx B.V

Part # M45PE40-VMP6TP
Description  4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE40-VMP6TP Datasheet(HTML) 17 Page - Numonyx B.V

Back Button M45PE40-VMP6TP Datasheet HTML 13Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 14Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 15Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 16Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 17Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 18Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 19Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 20Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 21Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
M45PE40
Instructions
17/46
6
Instructions
All instructions, addresses and data are shifted in and out of the device, most significant bit
first.
Serial Data Input (D) is sampled on the first rising edge of Serial Clock (C) after Chip Select
(S) is driven Low. Then, the one-byte instruction code must be shifted in to the device, most
significant bit first, on Serial Data Input (D), each bit being latched on the rising edges of
Serial Clock (C).
The instruction set is listed in Table 3.
Every instruction sequence starts with a one-byte instruction code. Depending on the
instruction, this might be followed by address bytes, or by data bytes, or by both or none.
In the case of a Read Data Bytes (READ), Read Data Bytes at Higher Speed (Fast_Read)
or Read Status Register (RDSR) instruction, the shifted-in instruction sequence is followed
by a data-out sequence. Chip Select (S) can be driven High after any bit of the data-out
sequence is being shifted out.
In the case of a Page Write (PW), Page Program (PP), Page Erase (PE), Sector Erase (SE),
Write Enable (WREN), Write Disable (WRDI), Deep Power-down (DP) or Release from
Deep Power-down (RDP) instruction, Chip Select (S) must be driven High exactly at a byte
boundary, otherwise the instruction is rejected, and is not executed. That is, Chip Select (S)
must driven High when the number of clock pulses after Chip Select (S) being driven Low is
an exact multiple of eight.
All attempts to access the memory array during a Write cycle, Program cycle or Erase cycle
are ignored, and the internal Write cycle, Program cycle or Erase cycle continues
unaffected.
Table 3.
Instruction set
Instruction
Description
One-byte instruction
code
Address
bytes
Dummy
bytes
Data
bytes
WREN
Write Enable
0000 0110
06h
0
0
0
WRDI
Write Disable
0000 0100
04h
0
0
0
RDID
Read Identification
1001 1111
9Fh
0
0
1 to 3
RDSR
Read Status Register
0000 0101
05h
0
0
1 to
READ
Read Data Bytes
0000 0011
03h
3
0
1 to
FAST_READ
Read Data Bytes at
Higher Speed
0000 1011
0Bh
3
1
1 to
PW
Page Write
0000 1010
0Ah
3
0
1 to 256
PP
Page Program
0000 0010
02h
3
0
1 to 256
PE
Page Erase
1101 1011
DBh
3
0
0
SE
Sector Erase
1101 1000
D8h
3
0
0
DP
Deep Power-down
1011 1001
B9h
0
0
0
RDP
Release from Deep
Power-down
1010 1011
ABh
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com