Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE40-VMP6TP Datasheet(PDF) 12 Page - Numonyx B.V

Part # M45PE40-VMP6TP
Description  4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE40-VMP6TP Datasheet(HTML) 12 Page - Numonyx B.V

Back Button M45PE40-VMP6TP Datasheet HTML 8Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 9Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 10Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 11Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 12Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 13Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 14Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 15Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 16Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
Operating features
M45PE40
12/46
4
Operating features
4.1
Sharing the overhead of modifying data
To write or program one (or more) data bytes, two instructions are required: Write Enable
(WREN), which is one byte, and a Page Write (PW) or Page Program (PP) sequence, which
consists of four bytes plus data. This is followed by the internal cycle (of duration tPW or tPP).
To share this overhead, the Page Write (PW) or Page Program (PP) instruction allows up to
256 bytes to be programmed (changing bits from 1 to 0) or written (changing bits to 0 or 1) at
a time, provided that they lie in consecutive addresses on the same page of memory.
4.2
An easy way to modify data
The Page Write (PW) instruction provides a convenient way of modifying data (up to 256
contiguous bytes at a time), and simply requires the start address, and the new data in the
instruction sequence.
The Page Write (PW) instruction is entered by driving Chip Select (S) Low, and then
transmitting the instruction byte, three address bytes (A23-A0) and at least one data byte,
and then driving Chip Select (S) High. While Chip Select (S) is being held Low, the data
bytes are written to the data buffer, starting at the address given in the third address byte
(A7-A0). When Chip Select (S) is driven High, the Write cycle starts. The remaining,
unchanged, bytes of the data buffer are automatically loaded with the values of the
corresponding bytes of the addressed memory page. The addressed memory page then
automatically put into an Erase cycle. Finally, the addressed memory page is programmed
with the contents of the data buffer.
All of this buffer management is handled internally, and is transparent to the user. The user
is given the facility of being able to alter the contents of the memory on a byte-by-byte basis.
For optimized timings, it is recommended to use the Page Write (PW) instruction to write all
consecutive targeted Bytes in a single sequence versus using several Page Write (PW)
sequences with each containing only a few Bytes (see Page Write (PW) and AC
characteristics (50 MHz operation)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com