Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE40-VMP6TP Datasheet(PDF) 45 Page - Numonyx B.V

Part # M45PE40-VMP6TP
Description  4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE40-VMP6TP Datasheet(HTML) 45 Page - Numonyx B.V

Back Button M45PE40-VMP6TP Datasheet HTML 38Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 39Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 40Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 41Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 42Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 43Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 44Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 45Page - Numonyx B.V M45PE40-VMP6TP Datasheet HTML 46Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
M45PE40
Revision history
45/46
13
Revision history
Table 20.
Document revision history
Date
Version
Changes
04-Dec-2003
1.2
First public release
23-Jan-2004
2.0
SO16 pin-out corrected
31-Mar-2004
3.0
Soldering temperature information clarified for RoHS compliant devices.
Device grade information clarified
05-Aug-2004
4.0
Device grade information further clarified
11-Jan-2005
5.0
Document promoted to Mature Datasheet. Minor wording changes.
Notes 1 and 2 removed from Table 19: Ordering information scheme.
SO16 package removed and SO8 wide package added.
4-Oct-2005
6.0
Added AC characteristics (33 MHz operation). An easy way to modify
data, A fast way to modify data, Page Write (PW) and Page Program
(PP) sections updated to explain optimal use of Page Write and Page
Program instructions. Updated ICC3 values in Table 11: DC
characteristics. Updated Table 19: Ordering information scheme.
Ecopack® information added.
18-Jan-2007
7
50 MHz frequency added. VCC supply voltage and VSS ground
descriptions added.
Figure 3: Bus master and memory devices on the SPI bus updated and
explanatory paragraph added.
At Power-up The Write In Progress (WIP) bit is reset.
VIO max modified in Table 7: Absolute maximum ratings.
tRLRH, tRHSL and tSHSR removed from Table 12: AC characteristics (25
MHz operation) and, Table 15: Reset conditions added.
SO8N package added, SO8W and VFQFPN package specifications
updated (see Section 11: Package mechanical).
Blank option removed below Plating technology in Table 19: Ordering
information scheme.
10-Dec-2007
8
Applied Numonyx branding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com