Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC8245_07 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
39
PLL Configurations
6
PLL Configurations
The internal PLLs are configured by the PLL_CFG[0:4] signals. For a given PCI_SYNC_IN (PCI bus)
frequency, the PLL configuration signals set both the peripheral logic/memory bus PLL (VCO) frequency
of operation for the PCI-to-memory frequency multiplying and the MPC603e CPU PLL (VCO) frequency
of operation for memory-to-CPU frequency multiplying. The PLL configurations are shown in Table 17
and Table 18.
Table 17. PLL Configurations (266- and 300-MHz Parts)
Ref. No.
PLL_CFG
[0:4] 10,13
266-MHz Part 9
300-MHz Part 9
Multipliers
PCI Clock
Input
(PCI_
SYNC_IN)
Range 1
(MHz)
Periph
Logic/
MemBus
Clock
Range
(MHz)
CPU
Clock
Range
(MHz)
PCI Clock
Input
(PCI_
SYNC_IN)
Range 1
(MHz)
Periph
Logic/
MemBus
Clock
Range
(MHz)
CPU
Clock
Range
(MHz)
PCI-to-
Mem
(Mem
VCO)
Mem-to-
CPU
(CPU
VCO)
0
0000012
25–355
75–105
188–263
25–405,7
75–120
188–300
3 (2)
2.5 (2)
1
0000112
25–295
75–88
225–264
25–335
75–99
225–297
3 (2)
3 (2)
2
0001011
5018–595,7
50–59
225–266
5018–661
50–66
225–297
1 (4)
4.5 (2)
30001111,14
5017–661
50–66
100–133
5017–661
50–66
100–133
1 (Bypass)
2 (4)
4
0010012
25–464
50–92
100–184
25–464
50–92
100–184
2 (4)
2 (4)
6
0011015
Bypass
Bypass
Bypass
7
Rev B
0011114
606–661
60–66
180–198
606–661
60–66
180–198
1 (Bypass)
3 (2)
7
Rev D
0011114
Not available
8
0100012
606–661
60–66
180–198
606–661
60–66
180–198
1 (4)
3 (2)
9
0100112
456–661
90–132
180–264
456–661
90–132
180–264
2 (2)
2 (2)
A
0101012
25–295
50–58
225–261
25–335
50–66
225–297
2 (4)
4.5 (2)
B
0101112
453–595
68–88
204–264
453–661
68–99
204–297
1.5 (2)
3 (2)
C
0110012
366–464
72–92
180–230
366–464
72–92
180–230
2 (4)
2.5 (2)
D
0110112
453–505
68–75
238–263
453–575
68–85
238–298
1.5 (2)
3.5 (2)
E
0111012
306–445
60–88
180–264
306–464
60–92
180–276
2 (4)
3 (2)
F
0111112
255
75
263
25–285
75–85
263–298
3 (2)
3.5 (2)
10
1000012
306–442,5
90–132
180–264
306–442
90–132
180–264
3 (2)
2 (2)
11
1000112
25–265,7
100–106
250–266
25–292
100–116
250–290
4 (2)
2.5 (2)
12
1001012
606–661
90–99
180–198
606–661
90–99
180–198
1.5 (2)
2 (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com