Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8245_07 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
2
Freescale Semiconductor
Overview
Figure 1. MPC8245 Block Diagram
Peripheral Logic Bus
Instruction Unit
System
Integer
Load/Store
Floating-
Data
Instruction
16-Kbyte
16-Kbyte
Processor Core Block
Processor
PLL
(64-Bit) Two-Instruction Fetch
(64-Bit) Two-Instruction Dispatch
64-Bit
Branch
Processing
Unit
(BPU)
MPC8245
Register
Unit
(SRU)
Unit
(IU)
Unit
(LSU)
Point
Unit
(FPU)
Data
Cache
Instruction
Cache
MMU
MMU
Additional Features:
• Prog I/O with Watchpoint
• JTAG/COP Interface
• Power Management
Address
Translator
DLL
Fanout
Buffers
PCI
Arbiter
Message
Unit
(with I2O)
I2C
Controller
DMA
Controller
Interrupt
Controller/
PIC
Timers
PCI Bus
Interface Unit
Memory
Controller
Data Path
ECC Controller
Central
Control
Unit
32-Bit
OSC_IN
Five
Request/Grant Pairs
I2C
5 IRQs/
Peripheral Logic Block
Peripheral Logic
PLL
PCI Bus
Data (64-Bit)
Address
Data Bus
(32- or 64-Bit)
Memory/ROM/
PortX Control/Address
PCI Interface
Clocks
16 Serial
Interrupts
Configuration
Registers
(32-Bit)
with 8-Bit Parity
or ECC
PCI_SYNC_IN
SDRAM_SYNC_IN
Watchpoint
Facility
DUART
Performance
Monitor
SDRAM Clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com