Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC8245_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
12
Freescale Semiconductor
Electrical and Thermal Characteristics
4.3
Power Characteristics
Table 5 provides power consumption data for the MPC8245.
Table 5. Power Consumption
Mode
PCI Bus Clock/Memory Bus Clock/CPU Clock Frequency (MHz)
Unit
Notes
66/66/266
66/133/266
66/66/300
66/100/300
33/83/333
66/133/333
66/100/350
Typical
1.7
(1.5)
2.0
(1.8)
1.8
(1.7)
2.0
(1.8)
2.0
2.3
2.2
W
1, 5
Max—FP
2.2
(1.9)
2.4
(2.1)
2.3
(2.0)
2.5
(2.2)
2.6
2.8
2.8
W
1, 2
Max—INT
1.8
(1.6)
2.1
(1.8)
2.0
(1.8)
2.1
(1.8)
2.2
2.4
2.4
W
1, 3
Doze
1.1
(1.0)
1.4
(1.3)
1.2
(1.1)
1.4
(1.3)
1.4
1.6
1.5
W
1, 4, 6
Nap
0.4
(0.4)
0.7
(0.7)
0.4
(0.4)
0.6
(0.6)
0.5
0.7
0.6
W
1, 4, 6
Sleep
0.2
(0.2)
0.4
(0.4)
0.2
(0.4)
0.3
(0.3)
0.3
0.4
0.3
W
1, 4, 6
I/O Power Supplies 10
Mode
Min
Max
Unit
Notes
Typ—OVDD
134 (121)
334 (301)
mW
7, 8
Typ—GVDD
324 (292)
800 (720)
mW
7, 9
Notes:
1. The values include VDD, AVDD, and AVDD2 but do not include I/O supply power. Information on OVDD and GVDD supply
power is captured in the I/O power supplies section of this table. Values shown in parenthesis ( ) indicate power consumption
at VDD/AVDD/AVDD2 = 1.8 V.
2. Maximum—FP power is measured at VDD = 2.1 V with dynamic power management enabled while running an entirely
cache-resident, looping, floating-point multiplication instruction.
3. Maximum—INT power is measured at VDD = 2.1 V with dynamic power management enabled while running entirely
cache-resident, looping, integer instructions.
4. Power saving mode maximums are measured at VDD = 2.1 V while the device is in doze, nap, or sleep mode.
5. Typical power is measured at VDD = AVDD = 2.0 V, OVDD = 3.3 V where a nominal FP value, a nominal INT value, and a
value where there is a continuous flush of cache lines with alternating ones and zeros on 64-bit boundaries to local memory
are averaged.
6. Power saving mode data measured with only two PCI_CLKs and two SDRAM_CLKs enabled.
7. The typical minimum I/O power values were results of the MPC8245 performing cache resident integer operations at the
slowest frequency combination of 33:66:200 (PCI:Mem:CPU) MHz.
8. The typical maximum OVDD value resulted from the MPC8245 operating at the fastest frequency combination of 66:100:350
(PCI:Mem:CPU) MHz and performing continuous flushes of cache lines with alternating ones and zeros to PCI memory.
9. The typical maximum GVDD value resulted from the MPC8245 operating at the fastest frequency combination of 66:100:350
(PCI:Mem:CPU) MHz and performing continuous flushes of cache lines with alternating ones and zeros on 64-bit boundaries
to local memory.
10.Power consumption of PLL supply pins (AVDD and AVDD2) < 15 mW. Guaranteed by design and not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com