Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPC8245_07 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
63
Ordering Information
9.2
Part Numbers Not Fully Addressed by This Document
Parts with application modifiers or revision levels not fully addressed in this specification document are
described in separate part number specifications that supplement and supersede this document. Table 21
shows the part numbers addressed by the MPC8245TXXnnnx series. The revision level can be determined
by reading the Revision ID register at address offset 0x08.
Table 22 shows the part numbers addressed by the MPC8245ARZUnnnx series.
Table 21. Part Numbers Addressed by MPC8245TXXnnnx Series
Part Number Specification Markings
(Document Order No. MPC8245ECS01AD)
MPC
nnnn
X
xx
nnn
x
Product
Code
Part
Identifier
Process
Descriptor
Package 1
Processor
Frequency 2
Revision Level
Processor
Version
Register Value
MPC
8245
T: –40
°
to 105
°C
ZU = TBGA
V V= Lead-free
TBGA
266 MHz, 300 MHz:
1.7 V to 2.1 V
333 MHz, 350 MHz:
1.9 V to 2.2 V
D:1.4 Rev ID:0x14
0x80811014
Notes:
1. See Section 5, “Package Description,” for more information on available package types.
2. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this
specification support all core frequencies. Additionally, parts addressed by a hardware specifications addendum may
support other maximum core frequencies.
Table 22. Part Numbers Addressed by MPC8245ARZUnnnx Series
Part Number Specification Markings
(Document Order No. MPC8245ECS02AD)
MPC
nnnn
X
X
xx
nnn
x
Product
Code
Part
Identifier
Process 3
Identifier
Process
Descriptor
Package 1
Processor
Frequency 2
Revision Level
Processor
Version
Register
Value
MPC
8245
A
R: 0
° to 85°CZU = TBGA
V V= Lead-free
TBGA
400 MHz
2.1 V ±
100 mV
D:1.4 Rev ID:0x14
0x80811014
Notes:
1. See Section 5, “Package Description,” for more information on available package types.
2. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this
specification support all core frequencies. Additionally, parts addressed by a hardware specifications addendum may
support other maximum core frequencies.
3. Process identifier ‘A’ represents parts that are manufactured under a 29-angstrom process verses the original 35-angstrom
process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com