Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC8245_07 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
6
Freescale Semiconductor
Electrical and Thermal Characteristics
4.1.1
Absolute Maximum Ratings
The tables in this section describe the MPC8245 DC electrical characteristics. Table 1 provides the
absolute maximum ratings.
4.1.2
Recommended Operating Conditions
Table 2 provides the recommended operating conditions for the MPC8245. Some voltage values do not
apply to the 400-MHz parts. For details, refer to the hardware specifications addendum
MPC8245ECSO2AD.
Table 1. Absolute Maximum Ratings
Characteristic 1
Symbol
Range
Unit
Supply voltage—CPU core and peripheral logic
VDD
–0.3 to 2.25
V
Supply voltage—memory bus drivers
GVDD
–0.3 to 3.6
V
Supply voltage—PCI and standard I/O buffers
OVDD
–0.3 to 3.6
V
Supply voltage—PLLs
AVDD/AVDD
2
–0.3 to 2.25
V
Supply voltage—PCI reference
LVDD
–0.3 to 5.4
V
Input voltage 2
Vin
–0.3 to 3.6
V
Operational die-junction temperature range
Tj
0 to 1053
°C
Storage temperature range
Tstg
–55 to 150
°C
Notes:
1. Functional and tested operating conditions are given in Table 2. Absolute maximum ratings are stress ratings only, and
functional operation at the maximums is not guaranteed. Stress beyond those listed may affect device reliability or cause
permanent damage to the device.
2. PCI inputs with LVDD = 5 V ± 5% V DC may be correspondingly stressed at voltages exceeding LVDD + 0.5 V DC.
3. Note that this temperature range does not apply to the 400 MHz parts. For details, refer to the hardware specifications
addendum MPC8245ECSO2AD.
Table 2. Recommended Operating Conditions1
Characteristic
Symbol
Recommended
Value
Unit
Notes
Supply voltage
VDD
1.8/1.9/2.0 V ±
100 mV
V4, 7
2.0/2.1 V ±
100 mV
V5, 7
I/O buffer supply for PCI and standard
OVDD
3.3 ± 0.3
V
7
Supply voltages for memory bus drivers
GVDD
3.3 ± 5%
V
9
CPU PLL supply voltage
AVDD
1.8/1.9/2.0 V ±
V
4, 7, 12
2.0/2.1 V ±
V
5, 7, 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com