Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MPC8245_07 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
20
Freescale Semiconductor
Electrical and Thermal Characteristics
Figure 10. DLL Locking Range Loop Delay Versus Frequency of Operation for DLL_Extend=1
and Max Tap Delay
4.5.2
Input AC Timing Specifications
Table 10 provides the input AC timing specifications at recommended operating conditions (see Table 2)
with LVDD = 3.3 V ± 0.3 V.
23
10
15
20
0
25
30
1
Tloop Propagation Delay Time (ns)
27.5
22.5
17.5
12.5
7.5
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com