Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245 Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MPC8245_07 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
60
Freescale Semiconductor
Document Revision History
0.2
—
Changed core supply voltage to 2.0 ± 100 mV in Section 1.3. (Supply voltage of 1.8 ± 100 mV is no
longer recommended.)
Changed rows 2, 5, and 6 of Table 2 to 2.0 ± 100 mV in the “Recommended Value” column.
Changed the power consumption numbers in Table 5 to reflect the power values for VDD = 2.0 V.
(Notes 2, 3, 4, and 5 of the table were also updated to reflect the new value of VDD.)
Updated Table 9 for VDD/AVDD/AVDD2 to 2.0 ± 100 mV.
Table 8: VDD/AVDD/AVDD2 was changed to 2.0 V for both CPU frequency offerings. Note 2 was
updated by removing the “at reduced voltage...” statement.
Table 10: Update maximum time of the rows 12a0 through 12a3.
Table 16: Fixed overbars for the active-low signals. Changed pin type information for VDD, AVDD, and
AVDD2 to 2.0 V.
Changed Note 16 of Table 17 to a value of 2.0 V for VDD/AVDD/AVDD2.
Removed second sentence of the second paragraph in Section 1.7.2 because it referenced
information about a 1.8-V design.
Removed reference to 1.8 V in third sentence of Section 1.7.7.
Table 19. Revision History Table (continued)
Revision
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com