Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB411 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI3USB411
Description  3.3V, USB 2.0 High-Speed Signal Switch w/ Low THD Channels for Audio Signals
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB411 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI3USB411 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
PI3USB411
3.3V, USB 2.0 High-Speed Signal Switch
with Low THD Channels for Audio Signals
PS8817A
06/06/06
DC Electrical Characteristics +3V Supply
(VCC = 2.7V to 4.2V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at 3V and +25°C.)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max. Units
Analog Switch
Analog Signal Range
VAINX or
VAOUTX
-0.3
VCC
V
On-Resistance
RON
VCC = 2.7V, IAIN = 100mA,
VAOUT = 0 to VCC
0.6
0.8
On-Resistance Match
Between Channels
∆RON
VCC = 2.7V, IAIN = 100mA,
VAOUT = 1.5V
0.01
0.06
On-Resistance
Flatness
RONF
VCC = 2.7V, IAIN = 100mA,
VAOUT = 0 to VCC
0.25
Off Leakage Current
IOFF
VCC = 3.3V, VAOUT = 3V, 0.3V,
VAIN = 0.3V, 3V
-400
400
nA
On Leakage Current
I (ON)
VCC = 3.3V, VAOUT = 3V, 0.3V,
VAIN = 0.3V, 3V, or floating
-160
160
Digital I/O (Pin 5 and Pin 7)
Input Logic High
VIH
1.3
V
Input Logic Low
VIL
0.6
Input Hysteresis
VH
VCC = 3.3V
200
mV
Input Leakage
Current
IA_EN
VA_EN = 0 or VCC
-0.5
0.5
µA
Power Supply
Power-Supply Range
VCC
2.7
4.6
V
Audio Switch (only related to pins 5, 6, 7, 8, 9, 11)
06-0078



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com