Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB411 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3USB411
Description  3.3V, USB 2.0 High-Speed Signal Switch w/ Low THD Channels for Audio Signals
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB411 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3USB411 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
PI3USB411
3.3V, USB 2.0 High-Speed Signal Switch
with Low THD Channels for Audio Signals
PS8817A
06/06/06
Dynamic Electrical Characteristics Over the Operating Range
(TA = –40°C to +85°C, VCC = 3.3V ±10%, GND = 0V) (Only related to pins 1, 2, 4, 14, 15)
Parameters(1)
Description
Test Conditions(3)
Typ.(4)
Units
XTALK
Crosstalk
RL = 100Ω, f = 250 MHz
-31
dB
OIRR
OFF Isolation
-39
BW
Bandwidth -3dB
RL = 100Ω
700
MHz
Switching Characteristics (Only related to pins 1, 2, 4, 14, 15)
Parameters
Description
Test (3)
Conditions
Min.
Typ.(4) Max. Units
tPD
Propagation Delay(2)
0.25
ns
tPZH, tPZL Line Enable Time - USB_EN to DI, DO
0.5
15.0
tPHZ, tPLZ Line Disable Time - USB_EN to DI, DO
0.5
9.0
tSK(p)
Skew between opposite transitions of the same output (tPHL
- tPLH) (2)
0.1
0.2
Notes for Page 3:
1. Guaranteed by design.
2. The switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The time
constant for the switch alone is of the order of 0.25ns for 10pF load. Since this time constant is much smaller than the rise/fall times of typical
driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used in a system is determined
by the driving circuit on the driving side of the switch and its interactions with the load on the driven side.
3. For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
4. Typical values are at VCC = 3.3V, TA = 25C ambient and maximum loading.
Power Supply Characteristics
Parameter
Description
Test Conditions(3)
Min.
Typ.
Max.
Units
ICC
Power Supply Current
VCC = Max, VIN = GND or VCC
800
µA
06-0078



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com