Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB411 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3USB411
Description  3.3V, USB 2.0 High-Speed Signal Switch w/ Low THD Channels for Audio Signals
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB411 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3USB411 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
PS8817A
06/06/06
Features
• Bandwidth for USB ports > 1.2Gbps
• Low THD for Audio ports < 0.02%
• ESD > 2kV HBM
• Low ICC = 800µA
• Wide VCC operating range: 2.7V to 4.2V ±10%
• Packaging: Pb-free & Green, 16-contact TDFN (ZJ16)
Description
PI3USB411 integrates two unique Pericom technology solutions
into a single IC package. PI3USB411 offers the customer a
solution that switches both high speed differential signals, with
high bandwidth performance, as well as low THD audio signals.
For handheld applications where both a USB data transfer port
and a port for an external headset is required, the PI3USB411
solution can offer the ability to combine the two ports into one.
With a single port, design engineers are faced with an issue of
switching two completely different types of signals. One signal
is a high speed differential signal, where bandwidth is the largest
concern, and the second signal is an audio signal, where low THD
is the largest concern. Pericom’s solution offers multiple channels
within the PI3USB411 device. Two channels are targeted for high
speed USB2.0 signals (Dx), and two channels are targeted for low
THD audio signals (Ax). Due to its passive nature, all paths will
allow bi-directional traffic.
Block Diagram
Pin Description
PI3USB411
3.3V, USB 2.0 High-Speed Signal Switch
w/ Low THD Channels for Audio Signals
Truth Table
USB_EN
Function
0
DI = DO
1
DI = DO = Hi-Z
A_ENx
Function
0
Ainx = Aoutx
1
Ainx = Aoutx = Hi-Z
����
�����
�����
���
���
���
���
������
����
�����
�����
���
���
���
������
�����
����
�����
�����
���
���
���
���
���
����
���
�����
�
�
�
�
�
�
�
�
��
��
��
��
��
��
��
�
Note: x = 1, 2
06-0078


Similar Part No. - PI3USB411

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB40 PERICOM-PI3USB40 Datasheet
336Kb / 6P
3.3V, Wide Bandwidth, 9-Channel, 2:1 Mux/DeMux USB 2.0 Switch with Single Enable
logo
Diodes Incorporated
PI3USB4000A DIODES-PI3USB4000A Datasheet
1Mb / 10P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
Rev 3 - 2 January 2019
PI3USB4000D DIODES-PI3USB4000D Datasheet
1Mb / 9P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
February 2021
PI3USB4000DQ DIODES-PI3USB4000DQ Datasheet
1Mb / 9P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
January 2021
PI3USB4000DQ1ZUAEX DIODES-PI3USB4000DQ1ZUAEX Datasheet
1Mb / 9P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
January 2021
More results

Similar Description - PI3USB411

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN1154 ONSEMI-NCN1154_11 Datasheet
420Kb / 9P
USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
May, 2011 ??Rev. 3
NCN1154 ONSEMI-NCN1154_12 Datasheet
420Kb / 9P
USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
June, 2011 ??Rev. 4
logo
Toshiba Semiconductor
TCUA231WBG TOSHIBA-TCUA231WBG Datasheet
220Kb / 11P
USB 2.0 High-Speed, UART, and Audio Switch with Negative Signal Capability
logo
ON Semiconductor
NCN1154 ONSEMI-NCN1154_15 Datasheet
377Kb / 9P
USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
April, 2015 ??Rev. 5
NL3S22S ONSEMI-NL3S22S Datasheet
489Kb / 9P
USB 2.0 Audio Switch
October, 2016 ??Rev. 0
logo
Texas Instruments
TUSB213 TI1-TUSB213 Datasheet
839Kb / 22P
USB 2.0 High Speed Signal Conditioner
logo
ON Semiconductor
NL3S22AH ONSEMI-NL3S22AH Datasheet
355Kb / 10P
USB 2.0 Audio Switch
July, 2018 ??Rev. 3
NL3S588 ONSEMI-NL3S588 Datasheet
543Kb / 11P
USB 2.0-Capable Ultra-Low THD DPDT Switch
September, 2017 ??Rev. 2
logo
Savitech Corp.
SV7102 SAVITECH-SV7102 Datasheet
291Kb / 8P
Low Voltage, High-Speed USB 2.0 Switch
logo
C-Media Electronics
CM6642 CMEDIA-CM6642 Datasheet
328Kb / 13P
USB 2.0 High-Speed Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com