Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB411 Datasheet(PDF) 14 Page - Pericom Semiconductor Corporation

Part # PI3USB411
Description  3.3V, USB 2.0 High-Speed Signal Switch w/ Low THD Channels for Audio Signals
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB411 Datasheet(HTML) 14 Page - Pericom Semiconductor Corporation

Back Button PI3USB411 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 14Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 15Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 16Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
PI3USB411
3.3V, USB 2.0 High-Speed Signal Switch
with Low THD Channels for Audio Signals
PS8817A
06/06/06
Figure 18: High Fidelity Audio Signal Test Setup.
In Figure 18, the test flow is to send a sine wave signal from 30Hz to 30KHz from the Function Generator (HP8116A) to the
Pericom Test Board. Pericom took measurements on three test points using a Tektronix Scope (TDS694C). The three test
points were TP2 (Channel 1 on Scope), TP3 (Channel 2 on Scope), and TP4 (Channel 3 on Scope). R1 represents the termina-
Figure 19: See Figure 18 for test setup. R1=12K and the sine wave on the left plot is 30kHz, while the sine wave on the right is
30Hz. Channel 1 (black)=TP2, Channel 2 (green)=TP3, Channel 3(red)=TP4
06-0078



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com