Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB411 Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI3USB411
Description  3.3V, USB 2.0 High-Speed Signal Switch w/ Low THD Channels for Audio Signals
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB411 Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI3USB411 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 14Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 15Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 16Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
PI3USB411
3.3V, USB 2.0 High-Speed Signal Switch
with Low THD Channels for Audio Signals
PS8817A
06/06/06
Figure 15: USB 2.0 Full-Speed (12Mbps) TP1, left eye, and TP4, right eye, tested with no PI3USB411 in the signal path
Figure 16: USB 2.0 Full-Speed (12Mbps) TP1, left eye, and TP4, right eye, tested with only USB data signals connected (Au-
dio signals are left not connected with no inductors).
Figure 17: USB 2.0 Full-Speed (12Mbps) TP1, left eye, and TP4, right eye, tested with PI3USB411 in the signal path with
Analog signals “Off” and 9.3uH Inductors for L1 and L2
06-0078



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com