Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB411 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3USB411
Description  3.3V, USB 2.0 High-Speed Signal Switch w/ Low THD Channels for Audio Signals
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB411 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3USB411 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
PI3USB411
3.3V, USB 2.0 High-Speed Signal Switch
with Low THD Channels for Audio Signals
PS8817A
06/06/06
DC Electrical Characteristics for USB 2.0 Switching over Operating Range
(only related to pins 1, 2, 4, 14, 15)
(TA = –40°C to +85°C, VCC = 3.3V ±10%)
Paramenter
Description
Test Conditions (1)
Min.
Typ.(2) Max.
Units
VIH
Input HIGH Voltage
Guaranteed HIGH level
VCC = 4.2V
2.0
V
VCC = 3.3V
1.6
VIL
Input LOW Voltage
Guaranteed HIGH level
0.8
VIK
Clamp Diode Voltage
VCC = Max.,
IIN = –18mA
-0.7
-1.2
IIH
Input HIGH Current
VCC = Max.,
VIN = VCC
±5
μA
IIL
Input LOW Current
VCC = Max.,
VIN = GND
±5
RON
Switch On-Resistance(3)
VCC = Min.,
1.25V ≤ VIN ≤ VCC,
IIN = –40mA
4
6.5
Ω
RFLAT(ON)
On-Resistance Flatness(4)
VCC = Min., VIN @
1.5V and VCC IIN =
-40mA
1.0
ΔRON
On-Resistance match from
center ports to any other
port(4)
VCC = Min.,
1.5V ≤ VIN ≤ VCC,
IIN = -40mA
0.9
2
Storage Temperature ......................................... –65°C to +150°C
Supply Voltage to Ground Potential ....................–0.5V to +4.4V
DC Input Voltage .................................................–0.5V to +5.5V
DC Output Current ........................................................... 120mA
Power Dissipation ................................................................ 0.5W
Note: Stresses greater than those listed under MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Capacitance for USB 2.0 Switching (TA = 25°C, f = 1 MHz) (only related to pins 1, 2, 4, 14, 15)
Parameters(4)
Description
Test Conditions(1)
Typ.(2)
Max.
Units
CIN
Input Capacitance
VIN = 0V
2.0
3.0
pF
COFF
Port I Capacitance, Switch OFF
4.0
6
CON
Switch Capacitance, Switch ON
7.5
9.5
Notes for Page 2:
1. For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, TA = 25°C ambient and maximum loading.
3. Measured by the voltage drop between DI and DO pins at indicated current through the switch. ON-resistance is determined by the lower of the
voltages on the two (DI & DO) pins.
4. This parameter is determined by device characterization but is not production tested.
06-0078



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com