Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB411 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3USB411
Description  3.3V, USB 2.0 High-Speed Signal Switch w/ Low THD Channels for Audio Signals
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB411 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI3USB411 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3USB411 Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
PI3USB411
3.3V, USB 2.0 High-Speed Signal Switch
with Low THD Channels for Audio Signals
PS8817A
06/06/06
Capacitance (only related to pins 5, 6, 7, 8, 9, 11)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Off Capacitance
C (OFF)
f = 1MHz, See Test Circuit Figure 6.
35
pF
On Capacitance
C (ON)
f = 1MHz, See Test Circuit Figure 7.
95
Switch and AC Characteristics (only related to pins 5, 6, 7, 8, 9, 11)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max. Units
Turn-On Time
tON
VCC = 2.7V, VAOUT = 1.5V,
RL = 50Ω, CL = 35pF,
See Test Circuit Figure 1 & 2.
15
25
ns
Turn-Off Time
tOFF
VCC = 2.7V, VAOUT = 1.5V,
RL = 50Ω, CL = 35pF,
See Test Circuit Figure 1 & 2.
4
10
Charge Injection
Q
VAIN = 0, RS = 0, CL = 1nF,
See Test Circuit Figure 3.
55
pC
Off-Isolation
OIRR
CL = 5pF, RL = 50Ω, f = 100kHz,
VAIN = 1 VRMS, ,
See Test Circuit Figure 4.
-75
dB
Crosstalk
XTALK
CL = 5pF, RL = 50Ω, f = 100kHz,
VAIN = 1 VRMS,
See Test Circuit Figure 5.
-90
3dB Bandwidth
f3dB
See Test Circuit Figure 8.
60
MHz
06-0078



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com