Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS01GAF Datasheet(PDF) 38 Page - Numonyx B.V

Part # SMS01GAF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMS01GAF Datasheet(HTML) 38 Page - Numonyx B.V

Back Button SMS01GAF Datasheet HTML 34Page - Numonyx B.V SMS01GAF Datasheet HTML 35Page - Numonyx B.V SMS01GAF Datasheet HTML 36Page - Numonyx B.V SMS01GAF Datasheet HTML 37Page - Numonyx B.V SMS01GAF Datasheet HTML 38Page - Numonyx B.V SMS01GAF Datasheet HTML 39Page - Numonyx B.V SMS01GAF Datasheet HTML 40Page - Numonyx B.V SMS01GAF Datasheet HTML 41Page - Numonyx B.V SMS01GAF Datasheet HTML 42Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
Timings
SMSxxxAF, SMSxxxFF, SMSxxxBF
38/61
Figure 23.
Multiple Block Read Command
Figure 24.
STOP_TRANSMISSION Command (CMD12, Data Transfer Mode)
6.3
Data Write
6.3.1
Single Block Write
The host selects one card for the data write operation by issuing CMD7. The host sets the
valid block length for block oriented data transfer by issuing CMD16. Figure 25 shows the
timings of a basic bus write operation. The sequence starts with a Single Block Write
command (CMD24) which determines (in the argument field) the start address. The card
responds on the CMD line.
Data transfer from the host starts NWR clock cycles after the card response is received.
CRC check bits are appended to the data sent by the host to allow the card to check for
transmission errors. The card returns the CRC check result as a CRC status token on the
DAT0 line. If a transmission error occurred, the card returns a negative CRC status ('101'). If
the transmission completed successfully, the card returns a positive CRC status ('010') and
starts programming the data.
If an error occurred while programming the Flash memory, the card ignores all further data
blocks. In this case the card will not send any CRC response and so, there will be no CRC
start bit on the bus and the three CRC status bits will read ('111').
Note that the CRC response is always output two clock cycles after the data.
If the card does not have any Data Receive buffer available, it indicates this condition by
pulling the DAT0 data line to Low. It will stop pulling DAT0 to Low as soon as at least one
Data Receive buffer for the defined data transfer block length becomes available. The level
of DAT0 does not give any information about the data write status. The host can obtain this
information by issuing a CMD13 (SEND_STATUS) to the card.
S T
CONTENT
CRC E Z
* P S T
Host Command
Response
NCR
Cycles
ai10051
CONTENT
CRC E
CMD
Z P
Z
****
Z
Z Z
Z ZZ Z
Z P
*******
P S
D D D
NAC Cycles
Read Data
DAT
Z Z P P P P P P P PP
CONTENT
CRC E P
*******
S D D
P P PP
P
NAC Cycles
Read Data
S
T
CONTENT
CRC
E
Z
* * *
P
S
T
Host Command
Response
NCR Cycles
ai10052
CONTENT
CRC E
CMD
Z
P
D
* * * * * * * *
D
D
D
D
DE
Z
Z
* * * * * * * * * * * * * * * * * * * *
DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com