Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS01GAF Datasheet(PDF) 47 Page - Numonyx B.V

Part # SMS01GAF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMS01GAF Datasheet(HTML) 47 Page - Numonyx B.V

Back Button SMS01GAF Datasheet HTML 43Page - Numonyx B.V SMS01GAF Datasheet HTML 44Page - Numonyx B.V SMS01GAF Datasheet HTML 45Page - Numonyx B.V SMS01GAF Datasheet HTML 46Page - Numonyx B.V SMS01GAF Datasheet HTML 47Page - Numonyx B.V SMS01GAF Datasheet HTML 48Page - Numonyx B.V SMS01GAF Datasheet HTML 49Page - Numonyx B.V SMS01GAF Datasheet HTML 50Page - Numonyx B.V SMS01GAF Datasheet HTML 51Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
SMSxxxAF, SMSxxxFF, SMSxxxBF
Serial peripheral interface (SPI) mode
47/61
command index field are binary: for example, it is '000000' for CMD0 and '100111' for
CMD39.
For more details about commands and arguments, please refer to the SD Memory Card
Specification.
Table 26.
Command Format
Table 27.
Command Classes in SPI Mode
7.4
Responses
There are several types of response tokens. As in the SD mode, all are transmitted MSB
first.
7.4.1
R1 Format
The card sends this response token after every command except for the SEND_STATUS
command.
R1 Format Responses are one Byte long. The MSB is always zero and the other bits
indicate errors, an error being indicated by a '1'.
Bit Position
47
46
[45:40]
[39:8]
[7:1]
0
Width (bits)
11
6
32
7
1
Value
01
x
x
x
1
Descriptions
Start Bit
Transmission Bit
Command Index
Argument
CRC7
End Bit
Card CMD
Class
(CCC)
Class Description
Supported Commands
0
1
9 10 121316 17 182425 27282930 323338 42 555658 59
Class 0
Basic
++
++++
++
Class 1
Not supported in SPI
Class 2
Block Read
+
+
+
Class 3
Not supported in SPI
Class 4
Block Write
+
+
+
Class 5
Erase
+
+
+
Class 6
Write Protection
(optional)
++
+
Class 7
Lock Card (optional)
+
Class 8
Application specific
+
+
Class 9
Not supported in SPI
Class 10 -
Class 11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com