Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS01GAF Datasheet(PDF) 9 Page - Numonyx B.V

Part # SMS01GAF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMS01GAF Datasheet(HTML) 9 Page - Numonyx B.V

Back Button SMS01GAF Datasheet HTML 5Page - Numonyx B.V SMS01GAF Datasheet HTML 6Page - Numonyx B.V SMS01GAF Datasheet HTML 7Page - Numonyx B.V SMS01GAF Datasheet HTML 8Page - Numonyx B.V SMS01GAF Datasheet HTML 9Page - Numonyx B.V SMS01GAF Datasheet HTML 10Page - Numonyx B.V SMS01GAF Datasheet HTML 11Page - Numonyx B.V SMS01GAF Datasheet HTML 12Page - Numonyx B.V SMS01GAF Datasheet HTML 13Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
SMSxxxAF, SMSxxxFF, SMSxxxBF
Description
9/61
Table 3.
Power consumption(1)
1.
TA= 25°C, VDD= 3.6V.
Mode
Max. Current Consumption
Standby
200 µA
Read
30 mA
Write
30 mA
Table 4.
Environmental specifications(1)
1.
NA = Not Applicable; RH = Relative Humidity; ESD = ElectroStatic Discharge
Environmental
specifications
Operating
Non-Operating
Temperature
−25°C to
85°C
−40°C to 85°C
Humidity (non- condensing)
NA
85°C - 85%RH
ESD
Protection
Contact Pads
NA
±4kV, Human body model according to
ANSI EOS/ESD-S5.1-1998
Other
±
8kV (coupling plane discharge)
±15kV (air discharge) Human body model per
IEC61000-4-2
Salt Water Spray
NA
TA = 35 °C 3% NaCl (MIL Std Method 1009)
Vibration (peak-to-peak)
NA
15 Gmax
Shock
NA
1,000G
Drop
NA
2000G
Bending
20N (middle of the card)
20N (border of the card)
UV light exposure
254nm, 15Ws/cm2
Table 5.
Physical dimensions
Parameter
SD
MiniSD
MicroSD
Unit
Width
24
20
11
mm
Height
32
21.5
15
mm
Thickness
2.1
1.4
Inter Connect
Area 0.7±0.1
mm
Max. Card
Thickness 0.95
Max. Pull Area
1.0±0.1
Weight
Approx. 2
Approx. 1
<1
g
Number of Pins
9
11
8
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com