Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS01GAF Datasheet(PDF) 18 Page - Numonyx B.V

Part # SMS01GAF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMS01GAF Datasheet(HTML) 18 Page - Numonyx B.V

Back Button SMS01GAF Datasheet HTML 14Page - Numonyx B.V SMS01GAF Datasheet HTML 15Page - Numonyx B.V SMS01GAF Datasheet HTML 16Page - Numonyx B.V SMS01GAF Datasheet HTML 17Page - Numonyx B.V SMS01GAF Datasheet HTML 18Page - Numonyx B.V SMS01GAF Datasheet HTML 19Page - Numonyx B.V SMS01GAF Datasheet HTML 20Page - Numonyx B.V SMS01GAF Datasheet HTML 21Page - Numonyx B.V SMS01GAF Datasheet HTML 22Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
Secure digital memory card interface
SMSxxxAF, SMSxxxFF, SMSxxxBF
18/61
Figure 7.
(Multiple) Block Write operation
Figure 8.
Command Token format
Figure 9.
response token format
Response
Command
CMD
DAT
ai10033
Block Write operation
Data Stop operation
Response
Command
Data Block CRC
Multiple Block Write operation
from Card
to Host
from Host
to Card
Data from
Host to
Card
STOP_TRANSMISSION command
stops data transfer
busy
Data Block CRC
busy
CRC all right
response
and busy
from Card
Total Length = 48 bits
Start Bit
always '0'
Transmitter Bit
'1' = command from Host
0 1
CONTENT
CRC 1
Command content: command and address
information or parameter, protected by 7 bit CRC checksum
ai10034
End bit always '1'
ai10035b
Total Length = 48 bits
Start Bit
always '0'
Transmitter Bit
'0' = Card response
0 0
CONTENT
CRC 1
Response content: mirrored command and status
information (R1 response), OCR Register (R3 response)
or RCA (R6 response)protected by 7 bit CRC checksum
End bit always '1'
Total Length = 136 bits
0 0
CONTENT = CID or CSD
CRC 1
R1, R3, R6
R2
End bit always '1'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com