Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS01GAF Datasheet(PDF) 46 Page - Numonyx B.V

Part # SMS01GAF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMS01GAF Datasheet(HTML) 46 Page - Numonyx B.V

Back Button SMS01GAF Datasheet HTML 42Page - Numonyx B.V SMS01GAF Datasheet HTML 43Page - Numonyx B.V SMS01GAF Datasheet HTML 44Page - Numonyx B.V SMS01GAF Datasheet HTML 45Page - Numonyx B.V SMS01GAF Datasheet HTML 46Page - Numonyx B.V SMS01GAF Datasheet HTML 47Page - Numonyx B.V SMS01GAF Datasheet HTML 48Page - Numonyx B.V SMS01GAF Datasheet HTML 49Page - Numonyx B.V SMS01GAF Datasheet HTML 50Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
Serial peripheral interface (SPI) mode
SMSxxxAF, SMSxxxFF, SMSxxxBF
46/61
7.2.6
Read CID/CSD Registers
In SPI mode the CID and CSD Registers use a Block Read operation. When a Read
command is issued, the card returns a response message followed by a 16 Byte data block
with a 16-bit CRC.
As TAAC, the Data Read Access Time, is stored in the CSD Register, it cannot be used as
the read latency of the CSD Register. NCR (see Table 25: Timing Values) is used instead.
7.2.7
Reset Sequence
The SD Memory Card requires a defined reset sequence. After power-on reset or CMD0
(software reset) the card enters an idle state. When idle, the only host commands the card
will accept are CMD1 (SEND_OP_COND), ACMD41 (SD_SEND_OP_COND) and CMD58
(READ_OCR).
In SPI mode CMD1 and ACMD41 have the same function. The host must poll the card (by
repeatedly sending CMD1 or ACMD41) until the 'in-idle-state' bit in the card response
switches to Low, thus indicating that the card has completed its initialization process and is
ready for the next command.
In the SPI mode, as opposed to the SD mode, CMD1 (and ACMD41) has no operands and
does not return the contents of the OCR register. Instead, the host may use CMD58
(available in SPI mode only) to read the OCR register.
Also it is up to the host to pay attention not to gain access to cards that do not support its
voltage range. The use of CMD58 is not restricted to the initializing phase, it can be issued
at any time.
7.2.8
Memory Array Partitioning.
It is the same as in the SD mode.
7.2.9
Card Lock/Unlock Commands.
In the SPI mode, the Lock and Unlock commands are the same as in the SD mode.
7.2.10
Application Specific Commands.
The only difference between the SD and SPI modes is the APP_CMD status bit, which is not
available in the SPI mode.
7.3
SPI Mode Commands
All the SPI commands are 6 Bytes long. The command always starts with the MSB of the
string, which corresponds to the command code. See Table 26 for details of the command
format.
Like in the SD mode, the commands in the SPI mode are divided into classes. However, the
classes supported by the two modes are different. See Table 27 For details.
The commands supported in the SPI mode are described in detail in Table 27 If no
argument is required in the command, the value of the field should be set to '0'. Reserved
commands are reserved in both the MultiMediaCard and SPI modes. The contents of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com