Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS01GAF Datasheet(PDF) 27 Page - Numonyx B.V

Part # SMS01GAF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMS01GAF Datasheet(HTML) 27 Page - Numonyx B.V

Back Button SMS01GAF Datasheet HTML 23Page - Numonyx B.V SMS01GAF Datasheet HTML 24Page - Numonyx B.V SMS01GAF Datasheet HTML 25Page - Numonyx B.V SMS01GAF Datasheet HTML 26Page - Numonyx B.V SMS01GAF Datasheet HTML 27Page - Numonyx B.V SMS01GAF Datasheet HTML 28Page - Numonyx B.V SMS01GAF Datasheet HTML 29Page - Numonyx B.V SMS01GAF Datasheet HTML 30Page - Numonyx B.V SMS01GAF Datasheet HTML 31Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
SMSxxxAF, SMSxxxFF, SMSxxxBF
SD memory card hardware interface
27/61
4.2
Power-Up
The power-up of the SD Memory Card bus is handled locally in each SD Memory Card and
in the bus master. After power-up (or after hot insertion) the SD Memory Card enters the
Idle state. When in this state, the SD Memory Card ignores all bus transactions until
ACMD41 is received (ACMD command type should always be preceded by CMD55).
ACMD41 is a special synchronization command used to negotiate the operating voltage
range and to poll the cards until they are out of their power-up sequence. In addition to the
operating voltage profile of the cards, the response to ACMD41 contains a busy flag that
indicates that the power-up sequence has not completed and the card is not ready for
identification. The host has to wait (and continue polling the cards in turn) until the bit is
cleared (‘0’). The power-up sequence of an individual card should not exceed 1 second.
After power-up the host starts the clock and sends the initializing sequence on the CMD line.
This sequence is a contiguous stream of logical 1's. It does not exceed 1ms, 74 clocks or
the supply-ramp-up-time.
Note that the maximum duration is fixed to 74 clocks which is ten clock cycles more than the
64 clocks after which the card is normally ready for communication to eliminate all power-up
synchronization problems.
Figure 14.
Power-Up Diagram
1.
Initialization delay = 1ms (max) + 74 clock cycles + supply ramp-up time.
2.
Timeout value for initialization process is 1s.
VDDmin
ai10043
VDDmax
Bus master
supply voltage
Valid voltage
range for CMD0,
CMD15, CMD55
and ACMD41
commands
Valid voltage
range for all other
commands and
memory access
Power up
time
Supply ramp up
time
Initialization
sequence
ACMD
41
Initialization
delay(1)
ACMD
41
ACMD
41
CMD2
NCC
NCC
NCC
Optional repetitions of
ACMD41, until no card
responds with the busy bit set.
Time out value for
initialization process(2)
Supply voltage
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com