Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS01GAF Datasheet(PDF) 41 Page - Numonyx B.V

Part # SMS01GAF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMS01GAF Datasheet(HTML) 41 Page - Numonyx B.V

Back Button SMS01GAF Datasheet HTML 37Page - Numonyx B.V SMS01GAF Datasheet HTML 38Page - Numonyx B.V SMS01GAF Datasheet HTML 39Page - Numonyx B.V SMS01GAF Datasheet HTML 40Page - Numonyx B.V SMS01GAF Datasheet HTML 41Page - Numonyx B.V SMS01GAF Datasheet HTML 42Page - Numonyx B.V SMS01GAF Datasheet HTML 43Page - Numonyx B.V SMS01GAF Datasheet HTML 44Page - Numonyx B.V SMS01GAF Datasheet HTML 45Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
SMSxxxAF, SMSxxxFF, SMSxxxBF
Timings
41/61
Figure 30.
STOP_TRANSMISSION Received After Last Data Block with Card Idle
6.4.1
Erase, Set and Clear Write Protect Timings
The host must first tag the start (CMD32) and end (CMD33) addresses of the range to be
erased. The Erase command (CMD38), once issued, will erase all the selected write blocks.
Similarly, Set and Clear Write Protect commands start a programming operation as well.
The card will signal "busy" (by pulling the DAT line Low) for the duration of the erase or
program operation. The bus transaction timings are the same as those given for the
STOP_TRANSMISSION Command in Figure 30.
6.4.2
Re-selecting a busy card
When a busy card in Disabled state is reselected, it restores its busy signaling on the data
line. The timing diagram for this command / response / busy transaction is the same as that
for STOP_TRANSMISSION command illustrated in Figure 30.
6.5
Timing Values
Figure 25 gives all timings.
ai10064
S T CONTENT CRC E Z
* * *
ST
Host Command
Host
Command
Card Response
NCR Cycles
CONTENT
S T CONTENT
CRC E
CMD
Z P
L
S
Z ZZ
Card is programming
DAT
E
Z Z Z
Z
Z
* * * * * * * * * * * * * * * * * * * * *
P
L
Z ZZ
Z Z Z
Z
Z
Z ZZ
Table 25.
Timing Values
Parameter
Min
Max
Unit
NCR
2
64
clock cycle
NID
5
5
clock cycle
NAC
2TAAC + NSAC
clock cycle
NRC
8
-
clock cycle
NCC
8
-
clock cycle
NWR
2
-
clock cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com