Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27512 Datasheet(PDF) 9 Page - STMicroelectronics

Part # 27512
Description  NMOS 512K 64K x 8 UV EPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

27512 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button 27512 Datasheet HTML 3Page - STMicroelectronics 27512 Datasheet HTML 4Page - STMicroelectronics 27512 Datasheet HTML 5Page - STMicroelectronics 27512 Datasheet HTML 6Page - STMicroelectronics 27512 Datasheet HTML 7Page - STMicroelectronics 27512 Datasheet HTML 8Page - STMicroelectronics 27512 Datasheet HTML 9Page - STMicroelectronics 27512 Datasheet HTML 10Page - STMicroelectronics 27512 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Electronic Signature
The Electronic Signature mode allows the reading
out of a binary code from an EPROM that will
identify its manufacturer and type. This mode is
intended for use by programming equipment to
automatically match the device to be programmed
with its corresponding programming algorithm.
This mode is functional in the 25
°C ± 5 °C ambient
temperature range that is required when program-
ming the M27512. To activate this mode, the pro-
gramming equipment must force 11.5V to 12.5V on
address line A9 of the M27512. Two identifier bytes
may then be sequenced from the device outputs by
toggling address line A0 from VIL to VIH. All other
address lines must be held at VIL during Electronic
Signature mode, except for A14 and A15 which
should be high. Byte 0 (A0 = VIL) represents the
manufacturer code and byte 1 (A0 = VIH) the device
identifier code.
ERASURE OPERATION (applies to UV EPROM)
The erasure characteristic of the M27512 is such
that erasure begins when the cells are exposed to
light with wavelengths shorter than approximately
4000 Å. It should be noted that sunlight and some
type of fluorescent lamps have wavelengths in the
3000-4000 Å range. Research shows that constant
exposure to room level fluorescent lighting could
erase a typical M27512 in about 3 years, while it
would take approximately 1 week to cause erasure
when expose to direct sunlight. If the M27512 is to
be exposed to these types of lighting conditions for
extended periods of time, it is suggested that
opaque labels be put over the M27512 window to
prevent unintentional erasure. The recommended
erasure procedure for the M27512 is exposure to
short wave ultraviolet light which has wavelength
2537 Å.
The integrated dose (i.e. UV intensity x exposure
time) for erasure should be a minimum of 15
W-sec/cm2. The erasure time with this dosage is
approximately 15 to 20 minutes using an ultraviolet
lamp with 12000
µW/cm2 power rating. The
M27512 should be placed within 2.5 cm (1 inch) of
the lamp tubes during the erasure. Some lamps
have a filter on their tubes which should be re-
moved before erasure.
Speed and VCC Tolerance
-2
200 ns, 5V
±5%
blank
250 ns, 5V
±5%
-3
300 ns, 5V
±5%
-20
200 ns, 5V
±10%
-25
250 ns, 5V
±10%
Package
F
FDIP28W
Temperature Range
1
0 to 70
°C
6
–40 to 85
°C
Example:
M27512
-2
F
1
ORDERING INFORMATION SCHEME
For a list of available options (Speed, VCC Tolerance, Package, etc) refer to the current Memory Shortform
catalogue.
For fur ther inform ation o n any aspect of this device, please cont act STMicroelectronics Sales Office nearest
to you.
M27512
9/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com