Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27512 Datasheet(PDF) 10 Page - STMicroelectronics

Part # 27512
Description  NMOS 512K 64K x 8 UV EPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

27512 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button 27512 Datasheet HTML 3Page - STMicroelectronics 27512 Datasheet HTML 4Page - STMicroelectronics 27512 Datasheet HTML 5Page - STMicroelectronics 27512 Datasheet HTML 6Page - STMicroelectronics 27512 Datasheet HTML 7Page - STMicroelectronics 27512 Datasheet HTML 8Page - STMicroelectronics 27512 Datasheet HTML 9Page - STMicroelectronics 27512 Datasheet HTML 10Page - STMicroelectronics 27512 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
FDIPW-a
A2
A1
A
L
B1
B
e1
D
S
E1
E
N
1
C
α
eA
e3
∅
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
5.71
0.225
A1
0.50
1.78
0.020
0.070
A2
3.90
5.08
0.154
0.200
B
0.40
0.55
0.016
0.022
B1
1.17
1.42
0.046
0.056
C
0.22
0.31
0.009
0.012
D
38.10
1.500
E
15.40
15.80
0.606
0.622
E1
13.05
13.36
0.514
0.526
e1
2.54
–
–
0.100
–
–
e3
33.02
–
–
1.300
–
–
eA
16.17
18.32
0.637
0.721
L
3.18
4.10
0.125
0.161
S
1.52
2.49
0.060
0.098
∅
7.11
–
–
0.280
–
–
α
4
°
15
°
4
°
15
°
N2
8
28
Drawing is not to scale
FDIP28W - 28 pin Ceramic Frit-seal DIP, with window
M27512
10/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com