Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27512 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 27512
Description  NMOS 512K 64K x 8 UV EPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

27512 Datasheet(HTML) 2 Page - STMicroelectronics

  27512 Datasheet HTML 1Page - STMicroelectronics 27512 Datasheet HTML 2Page - STMicroelectronics 27512 Datasheet HTML 3Page - STMicroelectronics 27512 Datasheet HTML 4Page - STMicroelectronics 27512 Datasheet HTML 5Page - STMicroelectronics 27512 Datasheet HTML 6Page - STMicroelectronics 27512 Datasheet HTML 7Page - STMicroelectronics 27512 Datasheet HTML 8Page - STMicroelectronics 27512 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
A1
A0
Q0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
Q7
A14
A11
GVPP
E
Q5
Q1
Q2
Q3
VSS
Q4
Q6
A12
A15
VCC
AI00766
M27512
8
1
2
3
4
5
6
7
9
10
11
12
13
14
16
15
28
27
26
25
24
23
22
21
20
19
18
17
Figure 2. DIP Pin Connections
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
Grade 1
Grade 6
0 to 70
–40 to 85
°C
TBIAS
Temperature Under Bias
Grade 1
Grade 6
–10 to 80
–50 to 95
°C
TSTG
Storage Temperature
–65 to 125
°C
VIO
Input or Output Voltages
–0.6 to 6.5
V
VCC
Supply Voltage
–0.6 to 6.5
V
VA9
A9 Voltage
–0.6 to 13.5
V
VPP
Program Supply
–0.6 to 14
V
Note: Except for the rating "Operating Temperature Range", stresses above those listed in the Table "Absolute Maximum Ratings" may cause
permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those
indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for ex tended periods
may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality document.
Table 2. Absolute Maximum Ratings
DEVICE OPERATION
The six modes of operations of the M27512 are
listed in the Operating Modes table. A single 5V
power supply is required in the read mode. All
inputs are TTL levels except for GVPP and 12V on
A9 for Electronic Signature.
Read Mode
The M27512 has two control functions, both of
which must be logically active in order to obtain
data at the outputs. Chip Enable (E) is the power
control and should be used for device selection.
Output Enable (G) is the output control and should
be used to gate data to the output pins, inde-
pendent of device selection. Assuming that the
addresses are stable, address access time (tAVQV)
is equal to the delay from E to output (tELQV). Data
is available at the outputs after delay of tGLQV from
the falling edge of G, assuming that E has been low
and the addresses have been stable for at least
tAVQV-tGLQV.
Standby Mode
The M27512 has a standby mode which reduces
the maximum active power current from 125mA to
40mA. The M27512 is placed in the standby mode
by applying a TTL high signal to the E input. When
in the standby mode, the outputs are in a high
impedance state, independent of the GVPP input.
Two Line Output Control
Because EPROMs are usually used in larger mem-
ory arrays, the product features a 2 line control
function which accommodates the use of multiple
memory connection. The two line control function
allows :
a. the lowest possible memory power dissipation,
b. complete assurance that output bus contention
will not occur.
M27512
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com