Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27512 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 27512
Description  NMOS 512K 64K x 8 UV EPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

27512 Datasheet(HTML) 1 Page - STMicroelectronics

  27512 Datasheet HTML 1Page - STMicroelectronics 27512 Datasheet HTML 2Page - STMicroelectronics 27512 Datasheet HTML 3Page - STMicroelectronics 27512 Datasheet HTML 4Page - STMicroelectronics 27512 Datasheet HTML 5Page - STMicroelectronics 27512 Datasheet HTML 6Page - STMicroelectronics 27512 Datasheet HTML 7Page - STMicroelectronics 27512 Datasheet HTML 8Page - STMicroelectronics 27512 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
NOT FOR NEW DESIGN
November 2000
This is information on a product still in production but not recommended for new designs.
M27512
NMOS 512 Kbit (64Kb x 8) UV EPROM
s
FAST ACCESS TIME: 200ns
s
EXTENDED TEMPERATURE RANGE
s
SINGLE 5V SUPPLY VOLTAGE
s
LOW STANDBY CURRENT: 40mA max
s
TTL COMPATIBLE DURING READ and
PROGRAM
s
FAST PROGRAMMING ALGORITHM
s
ELECTRONIC SIGNATURE
s
PROGRAMMING VOLTAGE: 12V
DESCRIPTION
The M27512 is a 524,288 bit UV erasable and
electrically programmable memory EPROM. It is
organized as 65,536 words by 8 bits.
The M27512 is housed in a 28 Pin Window Ce-
ramic Frit-Seal Dual-in-Line package. The trans-
parent lid allows the user to expose the chip to
ultraviolet light to erase the bit pattern. A new pat-
tern can then be written to the device by following
the programming procedure.
Figure 1. Logic Diagram
AI00765B
16
Q0-Q7
VCC
M27512
GVPP
VSS
8
A0-A15
E
1
28
FDIP28W (F)


Similar Part No. - 27512

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
27512 INTEL-27512 Datasheet
1Mb / 10P
64K(8K x 8) UV ERASABLE PROMs
logo
PHOENIX CONTACT
2751218 PHOENIX-2751218 Datasheet
87Kb / 5P
INTERBUS ST bus terminal modules with additional interfaces (I/O)
logo
Weidmuller
2751270000 WEIDMULLER-2751270000 Datasheet
236Kb / 4P
Security/NAT/VPN/U-link Router, Fast Ethernet
November 4, 2021
2751280000 WEIDMULLER-2751280000 Datasheet
237Kb / 4P
Security/NAT/VPN/U-link Router, with integrated multi-band modem (4G/3G/2G)
November 4, 2021
More results

Similar Description - 27512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27128A STMICROELECTRONICS-M27128A Datasheet
107Kb / 10P
NMOS 128K 16K x 8 UV EPROM
Mar-1995
M2716 STMICROELECTRONICS-M2716 Datasheet
91Kb / 9P
NMOS 16K 2K x 8 UV EPROM
Jul-1994
M27256 STMICROELECTRONICS-M27256 Datasheet
93Kb / 10P
NMOS 256K 32K x 8 UV EPROM
Nov-2000
M2732A STMICROELECTRONICS-M2732A Datasheet
92Kb / 9P
NMOS 32K 4K x 8 UV EPROM
Jul-1994
M2764A STMICROELECTRONICS-M2764A Datasheet
109Kb / 10P
NMOS 64K (8K x 8) UV EPROM
Mar-1995
logo
Microchip Technology
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
512K (64K x 8) CMOS EPROM
1996
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
512K (64K X 8 BIT ) UV AND OTP EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
512K (64K x 8-Bit) OTP EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
512K (64K x 8) CMOS EPROM
2004
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
512K (64K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com