Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27512 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 27512
Description  NMOS 512K 64K x 8 UV EPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

27512 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 27512 Datasheet HTML 2Page - STMicroelectronics 27512 Datasheet HTML 3Page - STMicroelectronics 27512 Datasheet HTML 4Page - STMicroelectronics 27512 Datasheet HTML 5Page - STMicroelectronics 27512 Datasheet HTML 6Page - STMicroelectronics 27512 Datasheet HTML 7Page - STMicroelectronics 27512 Datasheet HTML 8Page - STMicroelectronics 27512 Datasheet HTML 9Page - STMicroelectronics 27512 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Symbol
Alt
Parameter
Test Condition
Min
Max
Unit
tAVEL
tAS
Address Valid to Chip Enable
Low
2
µs
tQVEL
tDS
Input Valid to Chip Enable Low
2
µs
tVCHEL
tVCS
VCC High to Chip Enable Low
2
µs
tVPHEL
tOES
VPP High to Chip Enable Low
2
µs
tVPLVPH
tPRT
VPP Rise Time
50
ns
tELEH
tPW
Chip Enable Program Pulse
Width (Initial)
Note 2
0.95
1.05
ms
tELEH
tOPW
Chip Enable Program Pulse
Width (Overprogram)
Note 3
2.85
78.75
ms
tEHQX
tDH
Chip Enable High to Input
Transition
2
µs
tEHVPX
tOEH
Chip Enable High to VPP
Transition
2
µs
tVPLEL
tVR
VPP Low to Chip Enable Low
2
µs
tELQV
tDV
Chip Enable Low to Output
Valid
1
µs
tEHQZ
(4)
tDF
Chip Enable High to Output Hi-
Z
0
130
ns
tEHAX
tAH
Chip Enable High to Address
Transition
0n s
Notes. 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. The Initial Program Pulse width tolerance is 1 ms
± 5%.
3. The length of the Over-program Pulse varies from 2.85 ms to 78.95 ms, depending on the multiplication value of the iteration counter.
4. Sampled only, not 100% tested.
Table 10. Programming Mode AC Characteristics (1)
(TA = 25
°C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V)
Symbol
Alt
Parameter
Test Condition
Min
Max
Unit
tA9HVPH
tAS9
VA9 High to VPP High
2
µs
tVPHEL
tVPS
VPP High to Chip Enable Low
2
µs
tA10HEH
tAS10
VA10 High to Chip Enable
High (Set)
1
µs
tA10LEH
tAS10
VA10 Low to Chip Enable High
(Reset)
1
µs
tEXA10X
tAH10
Chip Enable Transition to
VA10 Transition
1
µs
tEXVPX
tVPH
Chip Enable Transition to VPP
Transition
2
µs
tVPXA9X
tAH9
VPP Transition to VA9
Transition
2
µs
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Table 9. MARGIN MODE AC Characteristics (1)
(TA = 25
°C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V)
M27512
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com