Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27512 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 27512
Description  NMOS 512K 64K x 8 UV EPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

27512 Datasheet(HTML) 5 Page - STMicroelectronics

  27512 Datasheet HTML 1Page - STMicroelectronics 27512 Datasheet HTML 2Page - STMicroelectronics 27512 Datasheet HTML 3Page - STMicroelectronics 27512 Datasheet HTML 4Page - STMicroelectronics 27512 Datasheet HTML 5Page - STMicroelectronics 27512 Datasheet HTML 6Page - STMicroelectronics 27512 Datasheet HTML 7Page - STMicroelectronics 27512 Datasheet HTML 8Page - STMicroelectronics 27512 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Symbol
Alt
Parameter
Test
Condition
M27512
Unit
-2, -20
blank, -2 5
-3
Min Max Min Max Min Max
tAVQV
tACC
Address Valid to Output Valid
E = VIL,
G = VIL
200
250
300
ns
tELQV
tCE
Chip Enable Low to Output Valid
G = VIL
200
250
300
ns
tGLQV
tOE
Output Enable Low to Output Valid
E = VIL
75
100
120
ns
tEHQZ
(2)
tDF
Chip Enable High to Output Hi-Z
G = VIL
0
55
0
60
0
105
ns
tGHQZ
(2)
tDF
Output Enable High to Output Hi-Z
E = VIL
0
55
0
60
0
105
ns
tAXQX
tOH
Address Transition to Output
Transition
E = VIL,
G = VIL
00
0
ns
Notes: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Sampled only, not 100% tested.
Table 7. Read Mode AC Characteristics (1)
(TA = 0 to 70
°C or –40 to 85 °C; VCC = 5V ± 5% or 5V ± 10%; VPP = VCC)
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0
≤ VIN ≤ VCC
±10
µA
ILO
Output Leakage Current
VOUT = VCC
±10
µA
ICC
Supply Current
E = VIL, G = VIL
125
mA
ICC1
Supply Current (Standby)
E = VIH
40
mA
VIL
Input Low Voltage
–0.1
0.8
V
VIH
Input High Voltage
2
VCC + 1
V
VOL
Output Low Voltage
IOL = 2.1mA
0.45
V
VOH
Output High Voltage
IOH = –400
µA
2.4
V
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Table 6. Read Mode DC Characteristics (1)
(TA = 0 to 70
°C or –40 to 85 °C; VCC = 5V ± 5% or 5V ± 10%; VPP = VCC)
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
VIL
≤ VIN ≤ VIH
±10
µA
ICC
Supply Current
150
mA
IPP
Program Current
E = VIL
50
mA
VIL
Input Low Voltage
–0.1
0.8
V
VIH
Input High Voltage
2
VCC + 1
V
VOL
Output Low Voltage
IOL = 2.1mA
0.45
V
VOH
Output High Voltage
IOH = –400
µA
2.4
V
VID
A9 Voltage
11.5
12.5
V
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Table 8. Programming Mode DC Characteristics (1)
(TA = 25
°C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V)
M27512
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com