Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27512 Datasheet (PDF) - STMicroelectronics

27512 Datasheet PDF - STMicroelectronics
Part # 27512
Download  27512 Download
File Size   90.27 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NMOS 512K 64K x 8 UV EPROM

27512 Datasheet (PDF)

Go To PDF Page Download Datasheet
27512 Datasheet PDF - STMicroelectronics

Part # 27512
Download  27512 Click to download

File Size   90.27 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NMOS 512K 64K x 8 UV EPROM

27512 Datasheet (HTML) - STMicroelectronics


27512 Product details

DESCRIPTION

The M27512 is a 524,288 bit UV erasable and electrically programmable memory EPROM. It is organized as 65,536 words by 8 bits. The M27512 is housed in a 28 Pin Window Ceramic Frit-Seal Dual-in-Line package. The transparent lid allows the user to expose the chip to ultraviolet light to erase the bit pattern. A new pattern can then be written to the device by following the programming procedure.



■ FAST ACCESS TIME: 200ns

■ EXTENDED TEMPERATURE RANGE

■ SINGLE 5V SUPPLY VOLTAGE

■ LOW STANDBY CURRENT: 40mA max

■ TTL COMPATIBLE DURING READ and PROGRAM

■ FAST PROGRAMMING ALGORITHM

■ ELECTRONIC SIGNATURE

■ PROGRAMMING VOLTAGE: 12V




Similar Part No. - 27512

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
27512 INTEL-27512 Datasheet
1Mb / 10P
64K(8K x 8) UV ERASABLE PROMs
logo
PHOENIX CONTACT
2751218 PHOENIX-2751218 Datasheet
87Kb / 5P
INTERBUS ST bus terminal modules with additional interfaces (I/O)
logo
Weidmuller
2751270000 WEIDMULLER-2751270000 Datasheet
236Kb / 4P
Security/NAT/VPN/U-link Router, Fast Ethernet
November 4, 2021
2751280000 WEIDMULLER-2751280000 Datasheet
237Kb / 4P
Security/NAT/VPN/U-link Router, with integrated multi-band modem (4G/3G/2G)
November 4, 2021
More results


Similar Description - 27512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27128A STMICROELECTRONICS-M27128A Datasheet
107Kb / 10P
NMOS 128K 16K x 8 UV EPROM
Mar-1995
M2716 STMICROELECTRONICS-M2716 Datasheet
91Kb / 9P
NMOS 16K 2K x 8 UV EPROM
Jul-1994
M27256 STMICROELECTRONICS-M27256 Datasheet
93Kb / 10P
NMOS 256K 32K x 8 UV EPROM
Nov-2000
M2732A STMICROELECTRONICS-M2732A Datasheet
92Kb / 9P
NMOS 32K 4K x 8 UV EPROM
Jul-1994
M2764A STMICROELECTRONICS-M2764A Datasheet
109Kb / 10P
NMOS 64K (8K x 8) UV EPROM
Mar-1995
logo
Microchip Technology
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
512K (64K x 8) CMOS EPROM
1996
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
512K (64K X 8 BIT ) UV AND OTP EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
512K (64K x 8-Bit) OTP EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
512K (64K x 8) CMOS EPROM
2004
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
512K (64K x 8) OTP EPROM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com