Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP1 Datasheet(PDF) 12 Page - Future Technology Devices International Ltd.

Part # VDIP1
Description  Vinculum VNC1L Prototyping Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP1 Datasheet(HTML) 12 Page - Future Technology Devices International Ltd.

Back Button VDIP1 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 9Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 10Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 11Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 12Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 13Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
VDIP1 Vinculum VNC1L Prototyping Module
Datasheet Version 0.92
© Future Technology Devices Intl Ltd. 2006-2007
Page 1
4.VDIP1ExternalCircuitConfiguration
4.1AddingaSecondUSBPort
Th��x������l�����u�������gu����������������g�����������h���p���������h���������v��y��������h���b�l������gu���
10.
5V
1
2
3
4
5
GND
+
+
47pF
47pF
Ferrite
Bead
USBA
Connector
�V�
�G#
��#
�C�
�C4
�C�
GN�
�C2
�C1
�C0
�D7
�D6
�V0
LD1
LD2
�1P
�1M
�D0
GN�
�D1
�D2
�D�
�D4
�D�
LED1
330R
LED1
3V3
3V3
USBPort
activityLED
circuit
GND
GND
F�gu���10-A��������l����p���������gu��������



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com