Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP1 Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # VDIP1
Description  Vinculum VNC1L Prototyping Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP1 Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button VDIP1 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 9Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 10Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 11Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 12Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 13Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
VDIP1 Vinculum VNC1L Prototyping Module
Datasheet Version 0.92
© Future Technology Devices Intl Ltd. 2006-2007
Page 
2.6SPIInterfaceSignalDescriptionsandTimingDiagrams
Ta�le 8 - Data and Control ��us �ignal Mode �ptions - �PI Inter�ace
Pin No.
Name
Type
Description
6
�CLK
Input
�PI Cloc� input�� 12MHz ma�imum.
8
�DI
Input
�PI �erial Data Input
9
�D�
�utput
�PI �erial Data �utput
10
C�
Input
�PI Chip �elect Input
Figure � - �PI �lave Data �ead Cycle
�PICLK
�PI Data In
�PI Data �ut
�PI C�
�/W �DD
D0
D1
D2
D�
D4
D�
D6
D7
1
1
0
From �tart - �PI C� must �e held high �or the entire read cycle�� and must �e ta�en low �or at least one cloc� period
�������h����������mpl�����Th�������b������I����I����h�R/Wb��-��pu����g�‘1�h�����ll���������b����������m
the chip. The ne�t �it is the address �it�� �DD�� which is used to indicate whether the data register (�0�) or the status
register (�1�) is read �rom. During the �PI read cycle a �yte o� data will start �eing output on �PI Data �ut on the ne�t
�l��k�y�l��������h���������b����M����������A������h�����h��b����l��k���u����h��h�p���h�����u�����I����
�ut should �e chec�ed to see i� the data read is new data. � �0� level here on �PI Data �ut means that the data read
is new data. � �1� indicates that the data read is old data�� and the read cycle should �e repeated to get new data.
�emem�er that C� must �e held low �or at least one cloc� period �e�ore �eing ta�en high again to continue with the
ne�t read or write cycle.
Figure 6 - �PI �lave Data Write Cycle
�PICLK
�PI Data In
�PI Data �ut
�PI C�
�/W �DD
D0
D1
D2
D�
D4
D�
D6
D7
1
0
0
From �tart - �PI C� must �e held high �or the entire write cycle�� and must �e ta�en low �or at least one cloc� period
�������h�����������mpl�����Th�������b������I����I����h�R/Wb��-��pu����g�‘0�h�����ll���������b���������
to the chip. The ne�t �it is the address �it�� �DD�� which is used to indicate whether the data register (�0�) or the status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com