Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP1 Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # VDIP1
Description  Vinculum VNC1L Prototyping Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP1 Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button VDIP1 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 9Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 10Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 11Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 12Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 13Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
VDIP1 Vinculum VNC1L Prototyping Module
Datasheet Version 0.92
© Future Technology Devices Intl Ltd. 2006-2007
Page 10
register (�1�) is written to. During the �PI write cycle a �yte o� data can �e input to �PI Data In on the ne�t cloc� cycle
�������h���������b����M����������A������h�����h��b����l��k�������h��h�p���h�����u�����I����Ou��h�ul�b�
chec�ed to see i� the data read was accepted. � �0� level on �PI Data �ut means that the data write was accepted. �
�1� indicates that the internal �u��er is �ull�� and the write should �e repeated. �emem�er that C� must �e held low �or at
least one cloc� period �e�ore �eing ta�en high again to continue with the ne�t read or write cycle.
Figure 7 - �PI �lave Data Timing Diagrams
T1
T2
T�
T4
T�
T6
T7
�PICLK
�PIC� /
�PI D�T� IN
�PI D�T� ��T
Ta�le 9 - �PI �lave Data Timing
Time
Description
Min
Typical Max
Unit
T1
�PICLK Period
8�
-
-
ns
T2
�PICLK High
20
-
-
ns
T�
�PICLK Low
20
-
-
ns
T4
Input �etup Time
10
-
-
ns
T�
Input Hold Time
10
-
-
ns
T6
�utput Hold Time
2
-
-
ns
T7
�utput Valid Time
-
-
20
ns
Ta�le 10 - �tatus �egister (�DD = �1�)
Bit
Description
0
RXF#
1
TX�#
2
-
�
-
4
RXFIRQ��
�
TX�IRQ��
6
-
7
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com