Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP1 Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # VDIP1
Description  Vinculum VNC1L Prototyping Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP1 Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button VDIP1 Datasheet HTML 3Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 9Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 10Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
VDIP1 Vinculum VNC1L Prototyping Module
Datasheet Version 0.92
© Future Technology Devices Intl Ltd. 2006-2007
Page 
2.5ParallelFIFOInterfaceSignalDescriptionsandTimingDiagrams
Ta�le � - Data and Control ��us �ignal Mode �ptions - Parallel FIF� Inter�ace
Pin No.
Name
Type
Description
6
D0
I/�
FIF� Data ��us ��it 0
8
D1
I/�
FIF� Data ��us ��it 1
9
D2
I/�
FIF� Data ��us ��it 2
10
D�
I/�
FIF� Data ��us ��it �
11
D4
I/�
FIF� Data ��us ��it 4
12
D�
I/�
FIF� Data ��us ��it �
1�
D6
I/�
FIF� Data ��us ��it 6
14
D7
I/�
FIF� Data ��us ��it 7
1�
RXF#
��TP�T
When high�� do not read data �rom the FIF�. When low�� there is data availa�le in the FIF� which can
b������by�����b��gR�#l�����h��h�gh�g����
16
TX�#
��TP�T
When high�� do not write data into the FIF�. When low�� data can �e written into the FIF� �y stro�ing
W� high�� then low.
17
R�#
INP�T
���bl���h��u�������FIFO����by�����0����7�h��l���F���h���h���x�FIFO����by��(���v��l-
�bl�)����m�h�������v�FIFObu������h��R�#g�������mh�gh��l���
19
W�
INP�T
Writes the data �yte on the D0...D7 pins into the transmit FIF� �u��er when W� goes �rom high to low.
Figure � - FIF� �ead Cycle
RXF#
RD#
D[7...0]
T3
T1
T5
T6
T2
T4
Valid Data
Ta�le 6 - FIF� �ead Cycle Timings
Time
Description
Min
Max
Unit
T1
�D �ctive Pulse Width
�0
-
ns
T2
�D to �D Pre-Charge Time
�0 + T6
-
ns
T�
�D �ctive to Valid Data*
20
�0
ns
T4
Valid Data Hold Time �rom �D Inactive* 0
-
ns
T�
R�I�����v���RXF#
0
2�
ns
T6
�XF Inactive ��ter �D Cycle
80
-
ns
* Load = �0pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com