Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP1 Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # VDIP1
Description  Vinculum VNC1L Prototyping Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP1 Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  VDIP1 Datasheet HTML 1Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 2Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 3Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
VDIP1 Vinculum VNC1L Prototyping Module
Datasheet Version 0.92
© Future Technology Devices Intl Ltd. 2006-2007
Page 
2.2 Pin Signal Descriptions
Ta�le 1 - VDIP1 module pin descriptions
Pin No. Name
Pin Name
on PCB
Type
Description
1
�V0
�V0
PW� Input
�.0 V module supply pin. This pin provides the �.0V output on the ���� ��� type soc�et��
and also the �.�V supply to VNC1L�� via an on-�oard �.� V L.D.�.
2
���1
LD1
�utput
����p����1������������v��y��������������Th��p����h�������������g����������b�����
the PC��. It is also �rought out onto this pin which allows �or the possi�ility o� �ring-
��g�u������������l����������������������u����h�V�I�1b������F����x�mpl������h�
V�I�1����������������b���ugh��u�������������um���������p���l��������v��y���
could �e mounted along side it.
���2
LD2
�utput
����p����2������������v��y��������������Th��p����h�������������g����������b�����
the PC��. It is also �rought out onto this pin which allows �or the possi�ility o� �ring-
��g�u������������l����������������������u����h�V�I�1b������F����x�mpl������h�
V�I�1����������������b���ugh��u�������������um���������p���l��������v��y���
could �e mounted along side it.
4
����D1P �1P
I/�
���� host / slave port 1 - ���� Data �ignal Plus with integrated pull up / pull down resis-
�����M��ul�h����b�����27����������������������Th��p�����b�b���ugh��u��l��g
with pin � to provide a second ���� port�� i� re�uired.
����D1M �1M
I/�
���� host / slave port 1 - ���� Data �ignal Minus with integrated pull up / pull down
�����������M��ul�h����b�����27����������������������Th��p�����b�b���ugh��u�
along with pin 4 to provide a second ���� port�� i� re�uired.
6
�D����0 �D0
I/�
�V sa�e �idirectional data / control �us�� �D �it 0
7
GN�
GN�
PW�
Module ground supply pin
8
�D����1 �D1
I/�
�V sa�e �idirectional data / control �us�� �D �it 1
9
�D����2 �D2
I/�
�V sa�e �idirectional data / control �us�� �D �it 2
10
�D����� �D�
I/�
�V sa�e �idirectional data / control �us�� �D �it �
11
�D����4 �D4
I/�
�V sa�e �idirectional data / control �us�� �D �it 4
12
�D����� �D�
I/�
�V sa�e �idirectional data / control �us�� �D �it �
1�
�D����6 �D6
I/�
�V sa�e �idirectional data / control �us�� �D �it 6
14
�D����7 �D7
I/�
�V sa�e �idirectional data / control �us�� �D �it 7
1�
�C����0 �C0
I/�
�V sa�e �idirectional data / control �us�� �C �it 0
16
�C����1 �C1
I/�
�V sa�e �idirectional data / control �us�� �C �it 1
17
�C����2 �C2
I/�
�V sa�e �idirectional data / control �us�� �C �it 2
18
GN�
GN�
PW�
Module ground supply pin
19
�C����� �C�
I/�
�V sa�e �idirectional data / control �us�� �C �it �
20
�C����4 �C4
I/�
�V sa�e �idirectional data / control �us�� �C �it 4
21
�C����� �C�
I/�
�V sa�e �idirectional data / control �us�� �C �it �
22
R���T# R�#
Input
Can �e used �y an e�ternal device to reset the VNC1L. This pin can �e used in com�i-
���������h�ROG#����h��ART/p����ll�lFIFO/��I������������p���g���m����m�����
into the VNC1L.
2�
�ROG#
�G#
Input
Th��p����u�������mb����������h�h�R���T#p������h��ART/p����ll�lFIFO/
��I������������p���g���m����m����������h�VNC1��
24
�V�
�V�
PW� �utput
�.�V output �rom VDIP1�s on �oard �.�V L.D.�.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com