Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP1 Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # VDIP1
Description  Vinculum VNC1L Prototyping Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP1 Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  VDIP1 Datasheet HTML 1Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 2Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 3Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
VDIP1 Vinculum VNC1L Prototyping Module
Datasheet Version 0.92
© Future Technology Devices Intl Ltd. 2006-2007
Page 
1.2 Features
�ses F.T.D.I.�s VNC1L em�edded ���� host controller I.C. device.
�ses F.T.D.I.�s VNC1L em�edded ���� host controller I.C. device.
���� ��� type soc�et to inter�ace with ���� peripheral devices
���� ��� type soc�et to inter�ace with ���� peripheral devices
�econd ���� inter�ace port availa�le via module pins�� i� re�uired.
�econd ���� inter�ace port availa�le via module pins�� i� re�uired.
�umper selecta�le ���T�� parallel FIF��� or �PI MC� inter�aces.
�umper selecta�le ���T�� parallel FIF��� or �PI MC� inter�aces.
�ingle �V supply input.
�ingle �V supply input.
�u�iliary �.� V / 200 m� power output to e�ternal logic.
�u�iliary �.� V / 200 m� power output to e�ternal logic.
������ ������������ ��� ���� �������� ���������� ������
�������������������������������������������������
����g���m���up��������m�����v������Fl��h���k���v���ART/p����ll�lFIFO/��I�����������
VNC1�����m�����p���g���mm��g�������lp����ROG#���R���T#b���ugh��u�����jump�������������
VDIP1 is a P�-�ree�� �oH� complaint development module.
V�I�1m��ul����uppl���p���-l��������hV���ulumV�A�����m������
��h�m������� ��� ����m����� ��l�� �v��l�bl� ���� ����l��� ����m �h�
��h�m��������������m�������l���v��l�bl���������l�������m�h�Vinculum we�site.
1. Introduction and Features
1.1 Introduction
The VDIP1 module is an MCU to embedded USB host controller development module for the VNC1L I.C. device.
The VDIP1 is supplied on a PCB designed to fit into a 24 pin DIP socket, and provides access to the UART, parallel
FIFO, and SPI interface pins on the VNC1L device, via its AD and AC bus pins. Not only is it ideal for developing and
rapid prototyping of VNC1L designs, but also an attractive quantity discount structure makes this module suitable for
incorporation into low and medium volume finished product designs.
The Vinculum VNC1L is the first of F.T.D.I.’s Vinculum family of Embedded USB host controller integrated circuit
devices. Not only is it able to handle the USB Host Interface, and data transfer functions but owing to the inbuilt MCU
and embedded Flash memory, Vinculum can encapsulate the USB device classes as well. When interfacing to mass
storage devices such as USB Flash drives, Vinculum also transparently handles the FAT File structure communicating
via UART, SPI or parallel FIFO interfaces via a simple to implement command set. Vinculum provides a new cost
effective solution for providing USB Host capability into products that previously did not have the hardware resources
available. The VNC1L is available in Pb-free (RoHS compliant) compact 48-Lead LQFP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com