Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDIP1 Datasheet(PDF) 5 Page - Future Technology Devices International Ltd.

Part # VDIP1
Description  Vinculum VNC1L Prototyping Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP1 Datasheet(HTML) 5 Page - Future Technology Devices International Ltd.

  VDIP1 Datasheet HTML 1Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 2Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 3Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 4Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 5Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 6Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
VDIP1 Vinculum VNC1L Prototyping Module
Datasheet Version 0.92
© Future Technology Devices Intl Ltd. 2006-2007
Page 
2.3I/OConfigurationUsingTheJumperPinHeader
T���h������yjump���p��h�����������p���v�������ll��������mpl������gu����������h�I/O����������������lbu�
pins o� the VDIP1. This is done �y a com�ination o� pulling up or pulling down the VNC1L�s �C����� (pin 46) and
AC����6(p��47)�Th����l�v���p����������h�V�I�1m��ul���h�m�������h�������gu���7��b�l���
F�gu���2-V�I�1O�-b�����jump���p�������gu��������
Ta�le 2 - Port �election �umper Pins
ACBUS6
(VNC1L pin 47)
ACBUS5
(VNC1L pin 46)
I/O Mode
Pull-�p
Pull-�p
�erial ���T
Pull-�p
Pull-Down
�PI
Pull-Down
Pull-�p
Parallel FIF�
Pull-Down
Pull-Down
�erial ���T
T�bl�3-��������������lbu������gu��������p�����
Pin
No.
Name Pin
Name
on
PCB
Type Description
Data and Control Bus Configuration
Options
UART
Interface
Parallel
FIFO
Interface
SPI
Slave
Interface
I/O Port
6
�D����0 �D0
I/�
�V sa�e �idirectional data / control �us�� �D �it 0 TXD
D0
�CLK
Port�D0
8
�D����1 �D1
I/�
�V sa�e �idirectional data / control �us�� �D �it 1 �XD
D1
�DI
Port�D1
9
�D����2 �D2
I/�
�V sa�e �idirectional data / control �us�� �D �it 2 RT�#
D2
�D�
Port�D2
10
�D����� �D�
I/�
�V sa�e �idirectional data / control �us�� �D �it � CT�#
D�
C�
Port�D�
11
�D����4 �D4
I/�
�V sa�e �idirectional data / control �us�� �D �it 4 �TR#
D4
Port�D4
12
�D����� �D�
I/�
�V sa�e �idirectional data / control �us�� �D �it � ��R#
D�
Port�D�
1�
�D����6 �D6
I/�
�V sa�e �idirectional data / control �us�� �D �it 6 �C�#
D6
Port�D6
14
�D����7 �D7
I/�
�V sa�e �idirectional data / control �us�� �D �it 7 RI#
D7
Port�D7
1�
�C����0 �C0
I/�
�V sa�e �idirectional data / control �us�� �C �it 0 TX��N#
RXF#
Port�C0
16
�C����1 �C1
I/�
�V sa�e �idirectional data / control �us�� �C �it 1
TX�#
Port�C1
17
�C����2 �C2
I/�
�V sa�e �idirectional data / control �us�� �C �it 2
R�#
Port�C2
19
�C����� �C�
I/�
�V sa�e �idirectional data / control �us�� �C �it �
W�
Port�C�
20
�C����4 �C4
I/�
�V sa�e �idirectional data / control �us�� �C �it 4
Port�C4
46
47
ACBUS5
ACBUS6
47k
47k
3V3
GND
1
2
3
1
2
3
J3
J4
VNC1L-1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com